Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL256AT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL256AT
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL256AT Datasheet(HTML) 1 Page - Vishay Siliconix

  IL256AT Datasheet HTML 1Page - Vishay Siliconix IL256AT Datasheet HTML 2Page - Vishay Siliconix IL256AT Datasheet HTML 3Page - Vishay Siliconix IL256AT Datasheet HTML 4Page - Vishay Siliconix IL256AT Datasheet HTML 5Page - Vishay Siliconix IL256AT Datasheet HTML 6Page - Vishay Siliconix IL256AT Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83620
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 08-Jan-08
1
Optocoupler, Phototransistor Output,
AC Input, with Base Connection
IL256AT
Vishay Semiconductors
DESCRIPTION
The IL256AT is an AC input phototransistor optocoupler. The
device consists of two infrared emitters connected in reverse
parallel and coupled to a silicon NPN phototransistor
detector.
These circuit elements are constructed with a standard
SOIC-8 foot print.
The product is well suited for telecom applications such as
ring detection or off/on hook status, given its bidirectional
LED input and guaranteed current transfer ratio (CTR)
minimum of 20 % at IF = 10 mA.
FEATURES
• Guaranteed CTR symmetry, 2:1 maximum
• Bidirectional
AC
input
industry
standard
SOIC-8 Surface mountable package
• Isolation test voltage, 4000 VRMS
• Standard lead spacing, 0.05"
• Available only on tape and reel (conform to EIA
standard RS481A)
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Telecom applications ring detection
AGENCY APPROVALS
• UL1577, file no. E52744 system code Y
• CUL - file no. E52744, equivalent to CSA bulletin 5A
• DIN EN 60747-5-2 (VDE 0884) available with option 1
Note
Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied
at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for
extended periods of the time can adversely affect reliability.
i179025
A/C
NC
B
C
E
1
2
3
4
8
7
6
5
NC
NC
C/A
ORDER INFORMATION
PART
REMARKS
IL256AT
CTR > 20 %, tape and reel, SOIC-8
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
90
mW
Derate linearly from 25 °C
0.8
mW/°C
OUTPUT
Collector-emitter breakdown voltage
BVCEO
30
V
Emitter-collector breakdown voltage
BVECO
5V
Collector-base breakdown voltage
BVCBO
70
V
Power dissipation
Pdiss
150
mW
Derate linearly from 25 °C
2.0
mW/°C
COUPLER
Isolation voltage, input to output
VISO
4000
VRMS
Total package dissipation
(LED and detector)
Ptot
240
mW
Derate linearly from 25 °C
3.2
mW/°C
Storage temperature
Tstg
- 55 to + 150
°C
Operating temperature
Tamb
- 55 to + 100
°C
Soldering time at 260 °C
10
s


Similar Part No. - IL256AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
Optocoupler, Phototransistor Output, AC Input, With Base Connection
22-Apr-04
IL256AT VISHAY-IL256AT Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
IL256AT VISHAY-IL256AT Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
More results

Similar Description - IL256AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL256AT VISHAY-IL256AT Datasheet
134Kb / 6P
Optocoupler, Phototransistor Output, AC Input, With Base Connection
22-Apr-04
H11AA1 VISHAY-H11AA1 Datasheet
128Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-May-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
Optocoupler, Phototransistor Output, AC Input with Base Connection
23-Feb-11
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL250 VISHAY-IL250_V01 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V01 Datasheet
116Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
H11AA1 VISHAY-H11AA1_V02 Datasheet
148Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
23-Feb-11
IL250 VISHAY-IL250_V02 Datasheet
149Kb / 8P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
21-Feb-18
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
Optocoupler, Phototransistor Output, AC Input, with Base Connection
08-Jan-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com