Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7386 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7386
Description  4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7386 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7386 Datasheet HTML 1Page - STMicroelectronics TDA7386 Datasheet HTML 2Page - STMicroelectronics TDA7386 Datasheet HTML 3Page - STMicroelectronics TDA7386 Datasheet HTML 4Page - STMicroelectronics TDA7386 Datasheet HTML 5Page - STMicroelectronics TDA7386 Datasheet HTML 6Page - STMicroelectronics TDA7386 Datasheet HTML 7Page - STMicroelectronics TDA7386 Datasheet HTML 8Page - STMicroelectronics TDA7386 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA7386
4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
HIGH OUTPUT POWER CAPABILITY:
4 x 45W/4
Ω MAX.
4 x 40W/4
Ω EIAJ
4 x 28W/4
Ω @ 14.4V, 1KHz, 10%
4 x 24W/4
Ω @ 13.2V, 1KHz, 10%
LOW DISTORTION
LOW OUTPUT NOISE
ST-BY FUNCTION
MUTE FUNCTION
AUTOMUTE AT MIN. SUPPLY VOLTAGE DE-
TECTION
LOW EXTERNAL COMPONENT COUNT:
– INTERNALLY FIXED GAIN (26dB)
– NO EXTERNAL COMPENSATION
– NO BOOTSTRAP CAPACITORS
PROTECTIONS:
OUTPUT SHORT CIRCUIT TO GND, TO VS,
ACROSS THE LOAD
VERY INDUCTIVE LOADS
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
LOAD DUMP VOLTAGE
FORTUITOUS OPEN GND
REVERSED BATTERY
ESD
DESCRIPTION
The TDA7386 is a new technology class AB
Audio Power Amplifier in Flexiwatt 25 package
designed for high end car radio applications.
Thanks to the fully complementary PNP/NPN out-
put configuration the TDA7386 allows a rail to rail
output voltage swing with no need of bootstrap
capacitors. The extremely reduced components
count allows very compact sets.
October 1999
®
ORDERING NUMBER: TDA7386
IN1
0.1
µF
MUTE
ST-BY
IN2
0.1
µF
OUT1+
OUT1-
OUT2+
OUT2-
PW-GND
IN3
0.1
µF
IN4
0.1
µF
OUT3+
OUT3-
OUT4+
OUT4-
PW-GND
PW-GND
PW-GND
D99AU1018
AC-GND
0.47
µF47µF
SVR
TAB
S-GND
Vcc1
Vcc2
100nF
470
µF
N.C.
BLOCK AND APPLICATION DIAGRAM
FLEXIWATT25
1/9


Similar Part No. - TDA7386

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
More results

Similar Description - TDA7386

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
logo
NTE Electronics
NTE7163 NTE-NTE7163 Datasheet
43Kb / 3P
Intergrated Circut 4 x 40W Quad Bridge Car Radio Amplifier
logo
STMicroelectronics
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
4 x 45W quad bridge car radio amplifier
09-Nov-2007
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
4 x 45W quad bridge car radio amplifier
14-Nov-2007
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
4 x 45W quad bridge car radio amplifier
20-Dec-2007
TDA7384A STMICROELECTRONICS-TDA7384A_07 Datasheet
279Kb / 14P
4 x 42W quad bridge car radio amplifier
11-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com