Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7401 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7401
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7401 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7401 Datasheet HTML 2Page - STMicroelectronics TDA7401 Datasheet HTML 3Page - STMicroelectronics TDA7401 Datasheet HTML 4Page - STMicroelectronics TDA7401 Datasheet HTML 5Page - STMicroelectronics TDA7401 Datasheet HTML 6Page - STMicroelectronics TDA7401 Datasheet HTML 7Page - STMicroelectronics TDA7401 Datasheet HTML 8Page - STMicroelectronics TDA7401 Datasheet HTML 9Page - STMicroelectronics TDA7401 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
X
High Pass Mute ON
1
High Pass Mute OFF
0
AUX1 Input Mute ON
1
AUX1 Input Mute OFF
0
AUX2 Inverted Output
1
AUX2 Non Inv. Output
AUX 2 Output Selection
0
0
High Pass Filter Front
0
1
High Pass Filter Rear
1
0
Aux 1 Input
1
1
Mute
AUX1 Low Pass Filter
(C1 = C2 = 100nF)
0
0
Flat
0
1
120Hz
1
0
80Hz
1
1
50Hz
GAIN AUX1L, AUX1R
MSB
LSB
GAIN AUX1L, R
D7
D6
D5
D4
D3
D2
D1
D0
1
:
1
1
1
:
1
1
0
0
:
0
0
:
0
0
X
0
:
0
0
0
:
0
0
0
0
:
0
0
:
1
1
1
0
:
0
0
0
:
0
0
0
0
:
0
0
:
0
0
1
1
:
1
1
0
:
0
0
0
0
:
0
1
:
0
0
X
1
:
0
0
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
0
0
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
0
0
1
:
0
0
0
0
:
1
0
:
1
1
X
1
:
1
0
1
:
1
0
0
1
:
1
0
:
0
1
X
+31dB
:
+17dB
+16dB
+15dB
:
+1dB
0dB
0dB
-1dB
:
-15dB
-16dB
:
-78dB
-79dB
Mute
Note: Is is not recommended to use a gain more than 20dB for system performance reason. In general, the max. gain should be limited by
software to the maximum value, which is needed for the system.
MODE
TDA7401
7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com