Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7401 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7401
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7401 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7401 Datasheet HTML 1Page - STMicroelectronics TDA7401 Datasheet HTML 2Page - STMicroelectronics TDA7401 Datasheet HTML 3Page - STMicroelectronics TDA7401 Datasheet HTML 4Page - STMicroelectronics TDA7401 Datasheet HTML 5Page - STMicroelectronics TDA7401 Datasheet HTML 6Page - STMicroelectronics TDA7401 Datasheet HTML 7Page - STMicroelectronics TDA7401 Datasheet HTML 8Page - STMicroelectronics TDA7401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
100nF
100nF
+
-
HP2
HP1
R1 = EQUIVALENT RESISTANCE AT PIN HP1
R2 = EQUIVALENT RESISTANCE AT PIN HP2
D98AU836
56.5K
18.7K
9.4K
7.7K
4.4K
3.6K
12.5K
56K
6.2K
3.5K
2.1K
3.8K
4.7K
9.4K
28K
28K
Figure 1. HP Filter
HP FILTER
HP FILTER
HP FILTER
HP FILTER
MUTE
GAIN
+20/-79dB
MUX
I
2C BUS
SUPPLY
22
21
20
19
18
17
16
15
1
2
HP FL 1
HP FL 2
HP FR 1
HP FR 2
HP RL 1
HP RL 2
HP RR 1
HP RR 2
AUX 1 IN L
AUX 1 IN R
76
AUX R OUT
8
AUX L OUT
9
HP RR OUT
14
HP RL OUT
13
HP FR OUT
11
HP FL OUT
10
OUT REF
12
28
23
24
25
26
27
SDA
VCC
D98AU835
3
MUTE
45
CR1
CL1
CR2
CL2
100nF 100nF
HP FL IN
100nF 100nF
HP FR IN
100nF 100nF
HP RL IN
100nF 100nF
HP RR IN
220nF
AUX L IN
220nF
AUX R IN
100nF
100
nF
100
nF
100nF
AUX R OUT
AUX L OUT
HP RR OUT
HP RL OUT
HP FR OUT
HP FL OUT
OUT REF
100nF
10
µF
VCC
10
µF
µP
Figure 2. Application Circuit
TDA7401
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com