Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7401 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7401
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7401 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7401 Datasheet HTML 1Page - STMicroelectronics TDA7401 Datasheet HTML 2Page - STMicroelectronics TDA7401 Datasheet HTML 3Page - STMicroelectronics TDA7401 Datasheet HTML 4Page - STMicroelectronics TDA7401 Datasheet HTML 5Page - STMicroelectronics TDA7401 Datasheet HTML 6Page - STMicroelectronics TDA7401 Datasheet HTML 7Page - STMicroelectronics TDA7401 Datasheet HTML 8Page - STMicroelectronics TDA7401 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FOUR HIGH PASS CHANNELS
ONE STEREO LOW PASS CHANNEL WITH
GAIN CONTROL
DIRECT MUTE PIN
FULLY PROGRAMMABLE VIA I
2C BUS
DESCRIPTION
The TDA7401 is an upgrade of the TDA7435
audioprocessor.
Due to a highly linear signal processing, using
CMOS-switching techniques very low distortion
and very low noise are obtained.
Second order high pass and low pass filters with
programmable corner frequencies provide the
loudspeaker equalization.
Very low DC stepping is obtained by using a
BICMOS technology.
January 1999
®
HP FILTER
HP FILTER
HP FILTER
HP FILTER
MUTE
GAIN
+20/-79dB
MUX
I
2C BUS
SUPPLY
22
21
20
19
18
17
16
15
1
2
HP FL 1
HP FL 2
HP FR 1
HP FR 2
HP RL 1
HP RL 2
HP RR 1
HP RR 2
AUX 1 IN L
AUX 1 IN R
76
AUX 2 OUT R
8
AUX 2 OUT L
9
HP RR OUT
14
HP RL OUT
13
HP FR OUT
11
HP FL OUT
10
OUT REF
12
28
23
24
25
26
27
SDA SCL DGND AGND CREF
VCC
D98AU822A
3
MUTE
45
CR1 CL1
CR2
CL2
BLOCK DIAGRAM
SO28
ORDERING NUMBER: TDA7401D
TDA7401
DIGITALLY CONTROLLED AUDIO PROCESSOR
WITH LOUDSPEAKERS EQUALIZER
1/10


Similar Part No. - TDA7401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7400 STMICROELECTRONICS-TDA7400 Datasheet
209Kb / 28P
ADVANCED CAR SIGNAL PROCESSOR
Jul-1999
TDA7400D STMICROELECTRONICS-TDA7400D Datasheet
275Kb / 28P
ADVANCED CAR SIGNAL PROCESSOR
Oct-2003
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
512Kb / 59P
CARRADIO SIGNAL PROCESSOR
Mar-2000
TDA7402 STMICROELECTRONICS-TDA7402 Datasheet
971Kb / 71P
Car radio signal processor
Mar-2007
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
Car radio signal processor
Mar-2007
More results

Similar Description - TDA7401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7342 STMICROELECTRONICS-TDA7342 Datasheet
97Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7343 STMICROELECTRONICS-TDA7343 Datasheet
100Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1999
TDA7348 STMICROELECTRONICS-TDA7348 Datasheet
193Kb / 14P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-1994
TDA7435 STMICROELECTRONICS-TDA7435 Datasheet
90Kb / 10P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH LOUDSPEAKERS EQUALIZER
Nov-1996
TDA7437N STMICROELECTRONICS-TDA7437N Datasheet
139Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR
Oct-2003
TDA7342 STMICROELECTRONICS-TDA7342_06 Datasheet
221Kb / 20P
Digitally controlled audio processor
20-Nov-2006
TDA7348 STMICROELECTRONICS-TDA7348_07 Datasheet
220Kb / 20P
Digitally controlled audio processor
26-Jan-2007
TDA7342EQ2N STMICROELECTRONICS-TDA7342EQ2N Datasheet
222Kb / 21P
Digitally controlled audio processor
03-Aug-2006
TDA7437N STMICROELECTRONICS-TDA7437N_06 Datasheet
353Kb / 34P
Digitally controlled audio processor
Dec-2006
logo
Princeton Technology Co...
PT2037 PTC-PT2037 Datasheet
259Kb / 6P
Digitally Controlled Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com