Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7405 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 4Page - STMicroelectronics TDA7405 Datasheet HTML 5Page - STMicroelectronics TDA7405 Datasheet HTML 6Page - STMicroelectronics TDA7405 Datasheet HTML 7Page - STMicroelectronics TDA7405 Datasheet HTML 8Page - STMicroelectronics TDA7405 Datasheet HTML 9Page - STMicroelectronics TDA7405 Datasheet HTML 10Page - STMicroelectronics TDA7405 Datasheet HTML 11Page - STMicroelectronics TDA7405 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
TDA7405
8/56
MONO VOICE BANDPASS
fHP
Highpass corner frequency
fHP1
81
90
99
Hz
fHP2
120
135
150
Hz
fHP3
162
180
198
Hz
fHP4
193
215
237
Hz
fHP5
270
300
330
Hz
fHP6
405
450
495
Hz
fHP7
540
600
660
Hz
fHP8
675
750
825
Hz
fLP
Lowpass corner frequency
fLP1
2.7
3
3.3
kHz
fLP2
5.4
6
6.6
kHz
COMPANDER
GMAX
max. Compander Gain
Vi < -46dB
19
dB
Vi < -46dB, Anti-Clip=On
29
dB
tAtt
Attack time
tAtt1
6ms
tAtt2
12
ms
tAtt3
24
ms
tAtt4
49
ms
tRel
Release time
tRel1
390
ms
tRel2
780
ms
tRel3
1.17
s
tRel4
1.56
s
VREF
Compander Reference Input-
Level (equals 0dB)
VREF1
0.5
VRMS
VREF2
1.0
VRMS
VREF3
2.0
VRMS
CF
Compression Factor
Output Signal / Input Signal
0.5
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.2
2.6
VRMS
RL
Output Load Resistance
2
k
Ω
CL
Output Load Capacitance
10
nF
ROUT
Output Impedance
30
120
Ω
VDC
DC Voltage Level
4.3
4.5
4.7
V
GENERAL
eNO
Output Noise
BW = 20Hz - 20kHz;output muted
3
15
µV
BW = 20Hz - 20kHz
all gains = 0dB
single ended inputs
10
20
µV
Table 1. ELECTRICAL CHARACTERISTICS (continued)
(VS=9V; Tamb=25°C; RL=10kΩ; all gains=0dB; f=1kHz; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com