Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7405 Datasheet(PDF) 49 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button TDA7405 Datasheet HTML 45Page - STMicroelectronics TDA7405 Datasheet HTML 46Page - STMicroelectronics TDA7405 Datasheet HTML 47Page - STMicroelectronics TDA7405 Datasheet HTML 48Page - STMicroelectronics TDA7405 Datasheet HTML 49Page - STMicroelectronics TDA7405 Datasheet HTML 50Page - STMicroelectronics TDA7405 Datasheet HTML 51Page - STMicroelectronics TDA7405 Datasheet HTML 52Page - STMicroelectronics TDA7405 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
49/56
TDA7405
Table 23. Speaker, Subwoofer and Mixer Level-Control (16-20)
The programming of all Speaker-, Subwoofer and Mixing Level-Controls are the same.
Table 24. Testing Audioprocessor (21)
Note : This byte is used for testing or evaluation purposes only and must not set to other values than "11101110" in the application!
MSB
LSB
ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
1
:
1
1
0
0
:
0
0
:
0
0
x
0
:
0
0
0
0
:
0
0
:
1
1
1
0
:
0
0
0
0
:
0
0
:
0
0
1
0
:
0
0
0
0
:
0
1
:
0
0
x
1
:
0
0
0
0
:
1
0
:
1
1
x
1
:
0
0
0
0
:
1
0
:
1
1
x
1
:
0
0
0
0
:
1
0
:
1
1
x
1
:
1
0
0
1
:
1
0
:
0
1
x
+15 dB
:
+1 dB
0 dB
0 dB
-1 dB
:
-15 dB
-16 dB
:
-78 dB
-79 dB
Mute
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Audioprocessor Testmode
off
on
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Test-Multiplexer
Compander Log-Amp. Output
Compander Low-Pass Output
Compander DAC Output
200kHz Oscillator
not allowed
AM NB Mute
NB-Hold
internal Reference
0
1
Compander Testmode
off
on
0
1
Clock
external
internal
0
1
AZ Function
off
on
0
1
SC-Clock
Fast Mode
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com