Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7405 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7405
Description  EQUALIZER CARRADIO SIGNAL PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7405 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7405 Datasheet HTML 1Page - STMicroelectronics TDA7405 Datasheet HTML 2Page - STMicroelectronics TDA7405 Datasheet HTML 3Page - STMicroelectronics TDA7405 Datasheet HTML 4Page - STMicroelectronics TDA7405 Datasheet HTML 5Page - STMicroelectronics TDA7405 Datasheet HTML 6Page - STMicroelectronics TDA7405 Datasheet HTML 7Page - STMicroelectronics TDA7405 Datasheet HTML 8Page - STMicroelectronics TDA7405 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
TDA7405
4/56
1
AUDIOPROCESSOR PART
Features:
Input Multiplexer
2 fully differential CD stereo inputs with programmable attenuation
1 single-ended stereo input
2 differential mono input
1 single-ended mono input
In-Gain 0..15dB, 1dB steps
internal Offset-cancellation (AutoZero)
separate second source-selector
Beep
internal Beep with 3 frequencies + diagnostic setting (19kHz tone)
Mixing stage
Beep, Phone,Navigation and FM mixable to all speaker-outputs (see Figure 20)
programmabe Voice-Band Filter
Loudness
programmable center frequency and frequency response
15 x 1dB steps
selectable flat-mode (constant attenuation)
Volume
0.5dB attenuator
100dB range
soft-step control with programmable times
Bass
2nd order frequency response
center frequency programmable in 8 steps
DC gain programmable
± 15 x 1dB steps
Treble
2nd order frequency response
center frequency programmable in 4 steps
± 15 x 1dB steps
Equalizer
two stereo equalizing-filters for separate front/rear adaption
1st filter center-frequency programmable in 16 steps (4 steps/octave, min 63Hz, max
840Hz)
2nd filter center-frequency programmable in 16 steps (4 steps/octave, min 300Hz,
max 4kHz)
quality factor programmable in 4 steps
± 15 x 1dB steps
selectable flat-mode
Speaker
4 independent speaker controls in 1dB steps
control range 95dB
separate Mute
Mute Functions
direct mute
digitally controlled SoftMute with 4 programmable mute-times
Pause Detector
programmable threshold
Compander
dynamic range compression for use with CD
2:1 compression rate
programmable max. gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com