Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7437T Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7437T
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7437T Datasheet HTML 4Page - STMicroelectronics TDA7437T Datasheet HTML 5Page - STMicroelectronics TDA7437T Datasheet HTML 6Page - STMicroelectronics TDA7437T Datasheet HTML 7Page - STMicroelectronics TDA7437T Datasheet HTML 8Page - STMicroelectronics TDA7437T Datasheet HTML 9Page - STMicroelectronics TDA7437T Datasheet HTML 10Page - STMicroelectronics TDA7437T Datasheet HTML 11Page - STMicroelectronics TDA7437T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MSB
LSB
FUNCTION
X
X
X
I
A3A2
A1A0
0
0
0
0
Input Selector
0
0
0
1
Loudness
0
0
1
0
Volume
0
0
1
1
Bass, Treble
0
1
0
0
Speaker Attenuator LF
0
1
0
1
Speaker Attenuator LR
0
1
1
0
Speaker Attenuator RF
0
1
1
1
Speaker Attenuator RR
1
0
0
0
Input Gain Middle
1
0
0
1
Mute
AUTO INCREMENT
If bit I in the subaddress byte is set to ”1”, the autoincrement of the subaddress is enabled
SUBADDRESS (receive mode)
TRANSMITTED DATA
Send Mode
MSB
LSB
X
X
X
X
X
SM
ZM
P
P = Pause (Active low)
ZM = Zero crossing muted (HIGH active)
SM = Soft mute activated (HIGH active)
X = Not used
The transmitted data is automatically updated after each ACK.
Transmission can be repeated without new chipaddress.
SOFTWARE SPECIFICATION
Interface Protocol
The interface protocol comprises:
A start condition (s)
A chip address byte,(the LSB bit determines
read (=1)/write (=0) transmission)
A subaddress byte.
A sequence of data (N-bytes + acknowledge)
A stop condition (P)
CHIP ADDRESS
SUBADDRESS
DATA 1 to DATA n
MSB
LSB
MSB
LSB
MSB
LSB
S
100010
A R/W ACK X
X
X
I
A3 A2 A1 A0 ACK
DATA
ACK
P
ACK = Acknowledge
S = Start
P = Stop
I = Auto Increment
X = Not used
MAX CLOCK SPEED 500kbits/s
ADDRpin open
A = 0
ADDRpin close to Vs A = 1
TDA7437
8/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com