Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7437T Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7437T
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437T Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7437T Datasheet HTML 2Page - STMicroelectronics TDA7437T Datasheet HTML 3Page - STMicroelectronics TDA7437T Datasheet HTML 4Page - STMicroelectronics TDA7437T Datasheet HTML 5Page - STMicroelectronics TDA7437T Datasheet HTML 6Page - STMicroelectronics TDA7437T Datasheet HTML 7Page - STMicroelectronics TDA7437T Datasheet HTML 8Page - STMicroelectronics TDA7437T Datasheet HTML 9Page - STMicroelectronics TDA7437T Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PAUSE DETECTOR
VTH
Pause Threshold
WIN = 11
30
mV
WIN = 10
60
mV
WIN = 01
110
mV
WIN = 00
220
mV
IDELAY
Pull-Up Current
15
25
35
µA
VTHP
Pause Threshold
3.0
V
GENERAL
VCC
Supply Voltage
6
9
10.2
V
ICC
Supply Current
7
10
13
mA
PSRR
Power Supply Rejection Ratio
f = 1KHz
70
90
dB
eNO
Output Noise
Output Muted (B = 20 to 20kHz flat)
4
µV
All Gains 0dB
(B= 200 to 20kHz flat)
615
µV
Et
Total Tracking Error
AV = 0 to -20dB
0
1
dB
AV = -20 to -60dB
0
2
dB
S/N
Signal to Noise Ratio
All Gains = 0dB; VO = 2.1Vrms
111
dB
SC
Channel Separation L - R
80
95
dB
d
Distortion
VIN =1V all gain = 0dB
0.01
0.08
%
BUS INPUTS
VIL
Input Low Voltage
1V
VlN
Input High Voltage
3
V
IlN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.1
0.4
V
Note 1: WIN represents the MUTE programming bit pair D6,D5 for the zero crossing window threshold
Note 2: Internall pullup resistor to Vs/2; ”LOW” = softmute active
Note: The ANGND and DIGGND layout wires must be kept separated. A 50
Ω resistor is recommended to be put as far as possible
from the device.
CD
TDA7437
L-
L+
R-
R+
D00AU1125
L+
L- ∼R-
R+
=
The CLD - and CDR - can be shortcircuited in applications providing 3 wires CD signal
CLD - = DIFFINLGND
CDR - = DIFFINRGND
TDA7437
6/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com