Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7437T Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7437T
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7437T Datasheet HTML 6Page - STMicroelectronics TDA7437T Datasheet HTML 7Page - STMicroelectronics TDA7437T Datasheet HTML 8Page - STMicroelectronics TDA7437T Datasheet HTML 9Page - STMicroelectronics TDA7437T Datasheet HTML 10Page - STMicroelectronics TDA7437T Datasheet HTML 11Page - STMicroelectronics TDA7437T Datasheet HTML 12Page - STMicroelectronics TDA7437T Datasheet HTML 13Page - STMicroelectronics TDA7437T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0
1
Soft Mute On
0
0
1
Soft Mute with fast slope
0
1
1
Soft Mute with slow slope
0
0
1
Zero Mute
1
Direct Mute
1
Reset
0
0
0
Zerocross window (220mV)
0
1
0
Zerocross window (110mV)
1
0
0
Zerocross window (60mV)
1
1
0
Zerocross window (30mV)
0
Nonsymmetrical Bass
1
Symmetrical Bass
Mute
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0dB
1
0
0
1
-1dB
1
0
1
0
-2dB
1
0
1
1
-3dB
1
1
0
0
-4dB
1
1
0
1
-5dB
1
1
1
0
-6dB
1
1
1
1
-7dB
1
1
0
0
0
0
16dB
10
001
8dB
10
010
0dB
1
0
0
1
1
-8dB
1
0
1
0
0
-16dB
1
0
1
0
1
-24dB
1
0
1
1
0
-32dB
1
0
1
1
1
-40dB
1
1
0
0
0
-48dB
1
1
0
0
1
-56dB
0
X
X
X
X
X
X
X
MUTE
Volume
TDA7437
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com