Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP2131 Datasheet(PDF) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2131
Description  300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2131 Datasheet(HTML) 10 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Back Button FSP2131 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 10Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 11Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
2007-4-19
10/11
FSP2131
ORDERING INFORMATION
MARKING INFORMATION
XXVYW
Date code:
Y: Year
W; Week
Output Voltage:
M: 4.0V
O: 3.8V
K: 3.3V
P: 3.1V
J: 3.0V
Q: 2.9V
I: 2.85V
H: 2.8V
G: 2.5V
E: 1.8V
Product Code
FSP2131XXXX
Package Type:
C: SOT23-3L
Packing:
A: Tape & Reel
Output Voltage:
40: 4.0V
38: 3.8V
33: 3.3V
31: 3.1V
30: 3.0V
29: 2.9V
285: 2.85V
28: 2.8V
25: 2.5V
18: 1.8V
Temperature Grade:
D: -40~85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com