Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP2131 Datasheet(PDF) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2131
Description  300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2131 Datasheet(HTML) 2 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2131 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
2007-4-19
2/11
FSP2131
TYPICAL APPLICATIONS CIRCUITS
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Input Supply Voltage
+6
V
Output Current
300
mA
Output Pin Voltage
GND-0.3 to VIN+0.3
V
ESD Rating
Class B
Internal Power Dissipation
400
mW
Junction to Case Thermal Resistance (
θJC)
130
℃
/ W
Junction to Ambient Thermal Resistance (
θJA)
250
℃
/ W
Operating temperature
-40 to 85
°C
Operating Junction Temperature
-40 to 125
°C
Storage Temperature
-65 to 150
°C
Lead Temperature (Soldering, 5 sec)
300
°C
Note: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com