Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP2131 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP2131
Description  300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP2131 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP2131 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 6Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 7Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 8Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP2131 Datasheet HTML 9Page - FOSLINK SEMICONDUCTOR CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
2007-4-19
3/11
FSP2131
ELECTRICAL CHARACTERISTICS
(VIN = VO + 1V, CIN = 1µF, CO = 2.2µF, TA= 25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
Note1
5.5
V
Output Voltage Accuracy
VO
IO= 1mA
-2
+2
%
Output Current
IO
300
Note2
mA
Ground Current
IGND
IO= 1mA to 300mA
70
90
µA
Quiescent Current
IQ
IO= 0mA
65
90
µA
IO= 1mA, VO < 2V
VIN =2.8V to 3.8V
-0.15
0.1
0.15
IO= 1mA, 2≤ VO < 3.3V
VIN =VO + 0.5V to VO + 1V
-0.1
0.03
0.1
Line Regulation
LNR
IO= 1mA, VO ≥3.3V
VIN =VO + 0.5V to VO + 1V
-0.4
0.2
0.4
%/V
Load Regulation Error
LDR
IO = 1mA to 300mA
-1
0.2
1
%
Temperature Coefficient
TC
IO = 1mA
40
ppm/
°C
Over Temperature Shutdown
OTS
IO = 1mA
150
°C
Over Temperature Hystersis
OTH
IO = 1mA
30
°C
f=100Hz
70
f= 1KHz
70
Power Supply Ripple Rejection
(with bypass Cap.)
PSRR
IO = 100mA
CBYP = 10nF
Vo =1.8V
f= 10KHz
50
f=100Hz
70
f= 1KHz
60
Power Supply Ripple Rejection
(without bypass Cap.)
PSRR
IO = 100mA
Vo =1.8V
f= 10KHz
40
dB
VO= 1.8V
850
1100
2.5
≤ VO < 3.3V
370
450
Dropout Voltage
VDO
IO = 300mA
VO ≥ 3.3V
180
230
mV
Output Noise
Vn
CBYP =10nF, f = 10Hz to 100kHz
50
µVRMS
Note 1:The minimum input voltage of the FSP2131 is determined by output voltage and dropout voltage. The
minimum input voltage is defined as:
VIN(MIN)=VO+VDROP
Note 2:Output current is limited by PD, maximum IO=PD/(VIN(MAX)-VO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com