Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7449L Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7449L
Description  LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449L Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7449L Datasheet HTML 1Page - STMicroelectronics TDA7449L Datasheet HTML 2Page - STMicroelectronics TDA7449L Datasheet HTML 3Page - STMicroelectronics TDA7449L Datasheet HTML 4Page - STMicroelectronics TDA7449L Datasheet HTML 5Page - STMicroelectronics TDA7449L Datasheet HTML 6Page - STMicroelectronics TDA7449L Datasheet HTML 7Page - STMicroelectronics TDA7449L Datasheet HTML 8Page - STMicroelectronics TDA7449L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
-10 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-pin
Thermal Resistance Junction-pins
150
°C/W
CREF
VS
PGND
ROUT
LOUT
R_IN1
R_IN2
L_IN1
L_IN2
1
3
2
4
5
6
7
8
9
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
DIG_GND
SCL
SDA
20
19
18
17
16
14
15
13
12
D98AU869
MUXOUT(L)
10
MUXOUT(R)
11
PIN CONNECTION
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
6
9
10.2
V
VCL
Max. input signal handling
2
Vrms
THD
Total Harmonic Distortion V = 1Vrms f = 1KHz
0.01
0.1
%
S/N
Signal to Noise Ratio V out = 1Vrms (mode = OFF)
106
dB
SC
Channel Separation f = 1KHz
90
dB
Input Gain in (2dB step)
0
30
dB
Volume Control
(1dB step)
-47
0
dB
Balance Control
1dB step
-79
0
dB
Mute Attenuation
100
dB
TDA7449L
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com