Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7449L Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7449L
Description  LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449L Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7449L Datasheet HTML 1Page - STMicroelectronics TDA7449L Datasheet HTML 2Page - STMicroelectronics TDA7449L Datasheet HTML 3Page - STMicroelectronics TDA7449L Datasheet HTML 4Page - STMicroelectronics TDA7449L Datasheet HTML 5Page - STMicroelectronics TDA7449L Datasheet HTML 6Page - STMicroelectronics TDA7449L Datasheet HTML 7Page - STMicroelectronics TDA7449L Datasheet HTML 8Page - STMicroelectronics TDA7449L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ELECTRICAL CHARACTERISTICS (refer to the test circuit Tamb =25
°C, VS = 9V, RL= 10KΩ,
RG = 600
Ω, all controls flat (G = 0dB), unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
6
9
10.2
V
IS
Supply Current
7
mA
SVR
Ripple Rejection
60
90
dB
INPUT STAGE
RIN
Input Resistance
100
K
Ω
VCL
Clipping Level
THD = 0.3%
2
2.5
Vrms
SIN
Input Separation
The selected input is grounded
through a 2.2
µ capacitor
80
100
dB
Ginmin
Minimum Input Gain
-1
0
1
dB
Ginman
Maximum Input Gain
30
dB
Gstep
Step Resolution
2
dB
VOLUME CONTROL
CRANGE
Control Range
45
47
49
dB
AVMAX
Max. Attenuation
45
47
49
dB
ASTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
AV = 0 to -24dB
-1.0
0
1.0
dB
AV = -24 to -47dB
-1.5
0
1.5
dB
ET
Tracking Error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
VDC
DC Step
adjacent attenuation steps
from 0dB to AV max
0
0.5
3mV
mV
Amute
Mute Attenuation
80
100
dB
SPEAKER ATTENUATORS
CRANGE
Control Range
76
dB
SSTEP
Step Resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
AV = 0 to -20dB
-1.5
0
1.5
dB
AV = -20 to -56dB
-2
0
2
dB
VDC
DC Step
adjacent attenuation steps
0
3
mV
Amute
Mute Attenuation
80
100
dB
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2.1
2.6
VRMS
RL
Output Load Resistance
2
K
Ω
RO
Output Impedance
10
40
70
Ω
VDC
DC Voltage Level
3.8
V
GENERAL
ENO
Output Noise
All gains = 0dB;
BW = 20Hz to 20KHz flat
515
µV
Et
Total Tracking Error
AV = 0 to -24dB
0
1
dB
AV = -24 to -47dB
0
2
dB
S/N
Signal to Noise Ratio
All gains 0dB; VO =1VRMS ;
106
dB
SC
Channel Separation Left/Right
80
100
dB
d
Distortion
AV =0;VI =1VRMS ;
0.01
0.08
%
BUS
IN-
PUT
TDA7449L
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com