Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7449L Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7449L
Description  LOW COST DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449L Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7449L Datasheet HTML 1Page - STMicroelectronics TDA7449L Datasheet HTML 2Page - STMicroelectronics TDA7449L Datasheet HTML 3Page - STMicroelectronics TDA7449L Datasheet HTML 4Page - STMicroelectronics TDA7449L Datasheet HTML 5Page - STMicroelectronics TDA7449L Datasheet HTML 6Page - STMicroelectronics TDA7449L Datasheet HTML 7Page - STMicroelectronics TDA7449L Datasheet HTML 8Page - STMicroelectronics TDA7449L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS (continued.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
BUS INPUT
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA
Acknowledge
IO = 1.6mA
0.4
0.8
V
0/30dB
2dB STEP
MUXOUTL
VOLUME
VOLUME
MUXOUTR
SPKR ATT
LEFT
LOUT
SCL
SDA
DIG_GND
ROUT
D98AU870
I
2CBUS DECODER + LATCHES
100K
100K
G
L-IN1
L-IN2
100K
100K
R-IN1
R-IN2
G
INPUT MULTIPLEXER
+ GAIN
SPKR ATT
RIGHT
SUPPLY
CREF
AGND
VS
5
8
9
7
6
19
20
18
4
2
3
11
1
10
V
REF
0.47
µF
0.47
µF
0.47
µF
0.47
µF
10
µF
TEST CIRCUIT
APPLICATION SUGGESTIONS
The first and the last stages are volume control
blocks. The control range is 0 to -47dB (mute) for
the first one, 0 to -79dB (mute) for the last one.
Both of them have 1dB step resolution.
The very high resolution allows the implementation
of systems free from any noisy acoustical effect.
The TDA7449L audioprocessor provides 2 bands
tones control.
CREF
The suggested 10
µF reference capacitor (CREF)
value can be reduced to 4.7
µF if the application
requires faster power ON.
TDA7449L
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com