Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3602 Datasheet(PDF) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3602
Description  SYNCHRONOUS BOOST DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3602 Datasheet(HTML) 4 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3602 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SYNCHRONOUS BOOST DC/DC CONVERTER
2007-12-31
4/5
FSP3602
ORDERING INFORMATION
MARKING INFORMATION
FSP3602XXXX
Package:
C: SOT23-6L
Output Voltage:
Blank: ADJ
Packing:
A: Tape & Reel
Temperature Grade:
K: -30~85℃
UAYMX
Date Code:
Y: Year (1=2001)
M: Month (1~9, O, N, D)
Part Number: FSP3602
Internal Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com