Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3602 Datasheet(PDF) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3602
Description  SYNCHRONOUS BOOST DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3602 Datasheet(HTML) 1 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3602 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SYNCHRONOUS BOOST DC/DC CONVERTER
2007-12-31
1/5
FSP3602
APPLICATIONS
Digital cameras and MP3
Palmtop computers / PDAs
Cellular phones
Wireless handsets and DSL modems
PC cards
Portable media player
PIN CONFIGURATION
(Top View)
Pin Number
Pin Name
Pin Function
1
SW
Switch Output
2
GND
Ground
3
FB
Feedback
4
EN
ON/OFF Control(High Enable)
5
VOUT
Output
6
VIN
Input
FEATURES
Up to 96% Efficiency
Low voltage start-up:0.9V
Shut-down current: < 1µA
Input voltage:0.6V~4.4V
Output voltage : 2.5V ~ 4.3V (Up to 5V with
Schottky)
Low switch on resistance RDS(ON),
Internal switch: 0.35Ω
1.4MHz fixed frequency switching
High switch on current: 1A
Short-Circuit protection
Low profile SOT23-6L package
GENERAL DESCRIPTION
The FSP3602 is high efficiency synchronous, step-up
DC/DC converters optimized to provide a high efficient
solution to medium power systems. The devices work
under the input voltage between 0.6V and 4.4V with a
1.4MHz fixed frequency switching. These features
minimizes overall solution footprint by allowing the use
of tiny, low profile inductors and ceramic capacitors.
The FSP3602 is capable of supplying an output voltage
between 2.5V and 4.3V, the internal synchronous
switch is desired to provide high efficiency without
Schottky.
The devices also featured providing 180mA from a
single AA cell input or 400mA from a 2-cell AA with a
3V/3.3V output.
The FSP3602 converter is available in the industry
standard SOT23-6L power packages (or upon
request).
2
3
6
54
1
SW
GND
FB
VIN
VOUT
EN


Similar Part No. - FSP3602

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601MSAH FOSLINK-FSP3601MSAH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601MSH FOSLINK-FSP3601MSH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601SAH FOSLINK-FSP3601SAH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
FSP3601SH FOSLINK-FSP3601SH Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
More results

Similar Description - FSP3602

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
logo
fujitsu semiconductor
MB39C326 FUJITSU-MB39C326 Datasheet
1Mb / 2P
6MHz Synchronous Buck Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
800mA Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com