Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP3602 Datasheet(PDF) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

Part # FSP3602
Description  SYNCHRONOUS BOOST DC/DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSLINK [FOSLINK SEMICONDUCTOR CO.,LTD]
Direct Link  
Logo FOSLINK - FOSLINK SEMICONDUCTOR CO.,LTD

FSP3602 Datasheet(HTML) 3 Page - FOSLINK SEMICONDUCTOR CO.,LTD

  FSP3602 Datasheet HTML 1Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 2Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 3Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 4Page - FOSLINK SEMICONDUCTOR CO.,LTD FSP3602 Datasheet HTML 5Page - FOSLINK SEMICONDUCTOR CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SYNCHRONOUS BOOST DC/DC CONVERTER
2007-12-31
3/5
FSP3602
ELECTRICAL CHARACTERISTICS (NOTE 4)
(VIN= 1.2V, VOUT= 3.3V, TA=25℃, Unless otherwise noted)
Parameter
Condition
Min.
Typ.
Max.
Unit
Output Voltage Range (Adj.)
2.5
5
V
Minimum Start-Up Voltage
ILOAD = 1mA
0.9
1.1
V
Minimum Operating Voltage
EN = VIN
0.5
0.65
V
Switching Frequency
1.1
1.4
1.7
MHz
Max Duty Cycle
VFB = 1.15V
80
87
%
Current Limit Delay to Output
40
ns
Feedback Voltage
1.165
1.203
1.241
V
Feedback Input Current
VFB = 1.25V
1
nA
NMOS Switch Leakage
VSW = 5V
0.1
5
µA
PMOS Switch Leakage
0.1
5
µA
NMOS Switch On Resistance
0.35
Ω
PMOS Switch On Resistance
0.45
Ω
NMOS Current Limit
700
950
mA
Quiescent Current (Active)
300
500
µA
Shutdown Current
VEN=0V, Not Including Switch Leakage
0.01
1
µA
En Input High
1
V
En Input Low
0.35
V
En Input Current
VEN = 5.5V
0.01
1
µA
TYPICAL APPLICATION CIRCUIT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com