Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7515 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7515
Description  RF-FRONTEND FOR AM/FM-DSP-CARRADIOS WITH IF SAMPLING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7515 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7515 Datasheet HTML 1Page - STMicroelectronics TDA7515 Datasheet HTML 2Page - STMicroelectronics TDA7515 Datasheet HTML 3Page - STMicroelectronics TDA7515 Datasheet HTML 4Page - STMicroelectronics TDA7515 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
TDA7515
July 2002
This is preliminary information on a new product now in development. Details are subject to change without notice.
s
RF AGC generation by RF and IF detection
s
I/Q Mixer for FM IF 10.7MHz with image
rejection and programmable IF tank adjust for
FM and AM
s
Preamplifier and mixer for IF 10.7MHz AM
upconversion
s
VCO and programmable divider for “world
receiver”
s
Programmable controlled IF-gain stage
Additional features:
s
High performance fast PLL for RDS-system
s
Electronic alignment for the preselection stages
s
All functions bus-controlled
DESCRIPTION
The frontend is a high performance tuner circuit for
AM/FM - DSP carradios with 10.7MHz - IF sampling.
It contains mixer and IF amplifiers for AM and FM,
VCO and PLL synthesizer on a single chip.
Use of BICMOS technology allows the implementa-
tion of several tuning functions and a minimum of ex-
ternal components.
TQFP44
ORDERING NUMBER: TDA7515
PRODUCT PREVIEW
RF-FRONTEND FOR AM/FM-DSP-CARRADIOS
WITH IF SAMPLING
1
BLOCK DIAGRAM
AGC
DIV
1/4
1/8
1/6
1/10
:1/:2/:3
VCO
PLL
LPOUT
LPAM
LPFM
LPHC
REFDIV
AGC
ADJ
Supply
Bus
Interface
AGC
I
Q
2
TV1
TV2
IF 10.7MHz
DAGC
FM
AM
PM
PM
00AT0037
2
2
Fref
18/100kHz
2
2
optional
2


Similar Part No. - TDA7515

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515 Datasheet
103Kb / 7P
RF front-end for AM/FM-DSP car radios with IF sampling
24-Nov-2006
TDA7515TR STMICROELECTRONICS-TDA7515TR Datasheet
103Kb / 7P
RF front-end for AM/FM-DSP car radios with IF sampling
24-Nov-2006
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
RF front-end for AM/FM-DSP car radios with IF sampling
24-Nov-2006
More results

Similar Description - TDA7515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5570 PHILIPS-TEA5570 Datasheet
180Kb / 19P
RF/IF circuit for AM/FM radio
September 1987
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
FM/AM DIGITAL IF SAMPLING PROCESSOR
Jul-2002
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
AM/FM IF DETECTOR
logo
Texas Instruments
SN761631 TI-SN761631 Datasheet
630Kb / 26P
RF FRONT END FOR AM/FM IF SAMPLING RADIO
logo
STMicroelectronics
TDA7529 STMICROELECTRONICS-TDA7529 Datasheet
618Kb / 60P
RF front-end for AM/FM DSP car-radio with IF sampling
07-Mar-2007
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
AM/FM car radio Front-End receiver for IF sampling tuners
28-Jun-2006
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
RF front-end for AM/FM-DSP car radios with IF sampling
24-Nov-2006
TDA7580 STMICROELECTRONICS-TDA7580_07 Datasheet
578Kb / 39P
FM/AM digital IF sampling processor
Mar-2007
TDA7529 STMICROELECTRONICS-TDA7529_11 Datasheet
473Kb / 61P
RF front-end for AM/FM DSP car-radio with IF sampling
17-Dec-2009
logo
Sanyo Semicon Device
LA1201 SANYO-LA1201 Datasheet
402Kb / 10P
FM/AM IF
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com