Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7515 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7515
Description  RF-FRONTEND FOR AM/FM-DSP-CARRADIOS WITH IF SAMPLING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7515 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7515 Datasheet HTML 1Page - STMicroelectronics TDA7515 Datasheet HTML 2Page - STMicroelectronics TDA7515 Datasheet HTML 3Page - STMicroelectronics TDA7515 Datasheet HTML 4Page - STMicroelectronics TDA7515 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
TDA7515
4
THERMAL DATA
5
ABSOLUTE MAXIMUM RATINGS
21
GNDPLL
PLL Ground
22
SCL
Bus connection (IIC clock)
23
SDA
Bus connection (IIC data)
24
IFAMAGCTC
Time constant for AM IF AGC
25
Fref-
Reference frequency input
26
Fref+
Reference frequency input
27
Vref
Reference voltage 5V
28
DAGC
Digital keying AGC input
29
IFGND
IF Ground
30
IFOUT2
IF amplifier output
31
IFOUT1
IF amplifier output
32
VCCIF
Supply voltage for IF output
33
IFAGCTC
IF AGC time constant
34
VCC
Supply voltage
35
IFINAM
IF input for narrowband AM
36
GND
Ground
37
IFIN1
IF Input - signal
38
IFIN2
IF Input - blocked
39
MIXOUT1
Mixer Output
40
MIXOUT2
Mixer Output
41
AMAGCTC
AM AGC time constant
42
FMIFAGCin
IF input for FM AGC
43
AMIN2
AM RF Input
44
AMIN1
AM RF Input
Symbol
Parameter
Values
Unit
Min.
Typ.
Max.
Rth(j-a)
Thermal resistance
85
°C/W
Tamb
Ambient temperature
-40
85
°C
Tstg
Storage temperature
-55
150
°C
Symbol
Parameter
Value
Unit
VCCIF
Supply voltage for IF-interface
12
V
VPLL
PLL supply voltage
12
V
VCCVCO
VCO supply voltage
12
V
VCC
Supply voltage
12
V
VMIXOUT1/2 Open collector voltage
12
V
3
PIN DESCRIPTION (continued)
Pin No.
Pin Name
Function



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com