Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7515 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7515
Description  RF-FRONTEND FOR AM/FM-DSP-CARRADIOS WITH IF SAMPLING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7515 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7515 Datasheet HTML 1Page - STMicroelectronics TDA7515 Datasheet HTML 2Page - STMicroelectronics TDA7515 Datasheet HTML 3Page - STMicroelectronics TDA7515 Datasheet HTML 4Page - STMicroelectronics TDA7515 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TDA7515
2/5
2
PIN CONNECTION
3
PIN DESCRIPTION
Pin No.
Pin Name
Function
1
AMRFAGCin
AM AGC Input for RF detection
2
AMRFAGCout
AM AGC output for RF AGC
3
AMPINDR
AM AGC PIN-diode driver
4
FMPINDR
FM AGC Pindiode driver
5
FMIN1
FM Mixer Input 1
6
RFGND
RF Ground
7
FMIN2
FM Mixer Input 2
8
FMAGCTC
FM AGC time constant
9
TV1
Tuning voltage 1 output
10
TV2
Tuning voltage 2 output
11
VCCVCO
Supply Voltage VCO
12
GNDVCO
VCO Ground
13
VCOB
Base VCO
14
VCOE
Emitter VCO
15
VPLL
PLL Supply Voltage
16
LPAM/SW
OP AMP Input to PLL Loop Filter AM / switch output (optional)
17
LPOUT
OPAMP output to PLL Loop Filter
18
LPREF
Voltage Reference for PLL
19
LPFM
OP AMP Input to PLL Loop Filter FM
20
LPHC
High Current PLL Loop Filter
1
23
4
5
67
8
9
10 11
25 24 23
22
21
20
19
18
17
16
15
14
13
12
44
43
42
41
40
39
38
37
36
35
33 32 31 30 29 28 27 26
34
00AT0036
MIXOUT1
AMIN1
AMIN2
FMIFAGCin
AMAGCTC
MIXOUT2
IFIN2
IFIN1
GND
IFINAM
VCC
SCL
GNDPLL
LPHC
LPFM
LPAM/SW
LPREF
LPOUT
VPLL
VCOE
VCOB
GNDVCO



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com