Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7522 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7522 Datasheet HTML 1Page - STMicroelectronics TDA7522 Datasheet HTML 2Page - STMicroelectronics TDA7522 Datasheet HTML 3Page - STMicroelectronics TDA7522 Datasheet HTML 4Page - STMicroelectronics TDA7522 Datasheet HTML 5Page - STMicroelectronics TDA7522 Datasheet HTML 6Page - STMicroelectronics TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TDA7522
2/23
1.0 DESCRIPTION
TDA7522 is a single chip processor consisting of Decoder, Servo and 1bit D/A for 4times CD-ROM / CD-
Audio. Main concept of this IC is that it is based on embedded System Micro Controller which allows cus-
tomer to develop system software very easily: just based on provided commands. Further the microcon-
troller is fully customer dedicated in terms of both software and general purpose Port.
By combination of ST Analog front-end IC (TDA7521), all CD functions including Shock Proof Memory
Controller and CD-Text function can be realized.
The TDA7522 portfolio is constituted by three different versions:
– ’development’: which gives the possibility to have at disposal the complete sw development environ-
ment, by means of a dedicated package
– ‘in field development’: standard package but with selection of program memory: on chip RAM, on chip
ROM. The program RAM is fully patchable through the standard IIC interface, giving the possibility of
sw changing while chip is working in the real environment.
– ‘production’: standard package, but with software permanently stored in the on chip ROM.
2.0 TECHNOLOGY
All version are produced using the HCMOS6 0.35um technology which works @3.3Vdc; to avoid interface
problem with existing logics, all digital Inputs are 5V tolerant. When interfacing logic on TDA7522 outputs,
user should take care of output levels that are at CMOS level @3.3V. Depending on output type the Iol
and Ioh value are guaranteed at 4mA or 8mA; the TDA7522 output driving specification will be included in
a next issue of this data sheet.
3.0 ADDITIONAL FEATURES
s
16Mbit DRAM I/F allows maximum 9 seconds shock proof
s
Built-in 1bit Delta Sigma modulation for DAC
s
Subcode P,Q and R-W decoding
s
Error Correction is capable of Dual C1 and quadruple C2 erasure corrections
s
Jitter absorbing capability: +/- 6 frames
s
Automatic fine gain/balance/offset adjustment for tracking and focus servos
s
Built-in Digital Silence detection
s
Built-in EFM Demodulation/Sync Rear and Forward protection
s
Soft audio mute
s
Built-in Digital PLL with large capture range from 0.5 to 4 times speed
s
Digital Servo control for all servo loops
s
Capable of 2x and 4x speeds for shock proof and CD-ROM applications
s
Capable of wide temperature range (-40C to +85C) stable operation
s
Fast access times for CD-ROM applications due to wide Capture range and CAV mode run at max 4
times overspeed
s
CLV or CAV (lock-to-disk mode) spindle servo operations
s
Digital Output SPDIF (DIT CP340)
s
Sony LSI Output Interface (for Audio & CD-ROM)
s
Pulsate SLED mode support
s
Built in 8times Audio Over sampling filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com