Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7522 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7522 Datasheet HTML 2Page - STMicroelectronics TDA7522 Datasheet HTML 3Page - STMicroelectronics TDA7522 Datasheet HTML 4Page - STMicroelectronics TDA7522 Datasheet HTML 5Page - STMicroelectronics TDA7522 Datasheet HTML 6Page - STMicroelectronics TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics TDA7522 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TDA7522
6/23
Note: 1. Depending from new DRAM selection pin nr.59 could be not used in production version.
65
DRA5
I/O
DRAM Address 5 or ST7 GPIO PB6 or OFS (FIFO Overflow) signal
output
66
DRA4
I/O
DRAM Address 4 or ST7 GPIO PB5 or WFCK (Write Frame Clock)
signal output
67
DRA3
I/O
DRAM Address 3 or ST7 GPIO PB4 or RFCK (Read Frame Clock)
signal output
68
DRA2
I/O
DRAM Address 2 or ST7 GPIO PB3
69
DRA1
I/O
DRAM Address 1 or ST7 GPIO PB2
70
CORE_VDD_4
Vdd
Digital Power supply
71
CORE_GND_4
Gnd
Digital Ground
72
DRA0
I/O
DRAM Address 0 or ST7 GPIO PB1
73
DRD0
I/O
DRAM Data 0 or ST7 GPIO PA5
74
DRD1
I/O
DRAM Data 1 or ST7 GPIO PA6
75
DRD2
I/O
DRAM Data 2 or ST7 GPIO PA7
76
DRD3
I/O
DRAM Data 3 or ST7 GPIO PB0
77
SPDL
O
PWM/PDM Spindle motor control signal output
78
TFSR
O
PWM/PDM Tracking actuator control signal output
79
FFSR
O
PWM/PDM Focusing actuator control signal output
80
SFSR
O
PWM/PDM SLED motor control signal output
Pin Number
Name
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com