Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7522 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7522
Description  Digital Servo & Decoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7522 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7522 Datasheet HTML 1Page - STMicroelectronics TDA7522 Datasheet HTML 2Page - STMicroelectronics TDA7522 Datasheet HTML 3Page - STMicroelectronics TDA7522 Datasheet HTML 4Page - STMicroelectronics TDA7522 Datasheet HTML 5Page - STMicroelectronics TDA7522 Datasheet HTML 6Page - STMicroelectronics TDA7522 Datasheet HTML 7Page - STMicroelectronics TDA7522 Datasheet HTML 8Page - STMicroelectronics TDA7522 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TDA7522
4/23
Table 1. Pin Description
Pin Number
Name
Function
Description
01
SERDA
I/O
Data line for Serial I/F
02
SERCK
O
Clock line for Serial I/F
03
DGTLIN0_OF
I
HF bit 0 and Servo overflow
04
DGTLIN1_UF
I
HF bit 1 and Servo underflow
05
DGTLIN2
I
HF bit 2 and Servo bit 0
06
DGTLIN3
I
HF bit 3 and Servo bit 1
07
DGTLIN4
I
HF bit 4 and Servo bit 2
08
DGTLIN5
I
HF bit 5 and Servo bit 3
09
DGTLIN6
I
HF bit 6 and Servo bit 4
10
CORE_VDD_1
Vdd
Digital Power supply
11
CORE_VSS_1
Gnd
Digital Ground
12
DGTLIN7
I
HF bit 7 and Servo bit 5
13
DGTSYNC
I
Sync strobe for Multiplexer
14
CLKOUT
O
System clock output to TDA7521
15
BSR_SDK48
O
LSI I/F clock output or
DAC bit stream right channel output
16
BSL_SAK48
O
LSI I/F data output or DAC bit stream left channel output
17
LRCK
O
LSI I/F L/R signal
18
C2PO
O
Validity flag output for CD-ROM decoder
19
MUTEL
O
Mute left signal (active high)
20
MUTER
O
Mute right signal (Active high)
21
KDMPHYS
I/O
De-emphasis indication or ST7 GPIO PA2
22
PON
I/O
System shutdown pin for power saving mode or
ST7 GPIO PC7
23
AVDD_1
Vdd
Analog power supply
24
XTI
I
Crystal input
25
AVSS_1
Gnd
Analog ground
26
XTO
O
Crystal output
27
KADC_VRH
I
ADC top reference Voltage input
28
KADC_VRL
I
ADC bottom reference Voltage input
29
KADC_IN
I
ADC input
30
CORE_VDD_2
Vdd
Digital Power supply
31
CORE_VSS_2
Gnd
Digital Ground
32
Nreset
I
Hardware reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com