Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7550 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7550
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7550 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7550 Datasheet HTML 4Page - STMicroelectronics TDA7550 Datasheet HTML 5Page - STMicroelectronics TDA7550 Datasheet HTML 6Page - STMicroelectronics TDA7550 Datasheet HTML 7Page - STMicroelectronics TDA7550 Datasheet HTML 8Page - STMicroelectronics TDA7550 Datasheet HTML 9Page - STMicroelectronics TDA7550 Datasheet HTML 10Page - STMicroelectronics TDA7550 Datasheet HTML 11Page - STMicroelectronics TDA7550 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TDA7552
TTS3000 Text-To-Speech solution
The TDA7551 is part of a two-chip solution for Text-To-Speech, featuring the Lernout & Hauspie
TTS3000 engine. Two devices are needed:
• A 16-bit microcontroller (ST10) for string analysis and conversion
• The TDA7552 DSP for voice synthesis.
An external application sends ASCII strings to the microcontroller, which perform an analysis of the entire
sentence; language-dependent data is needed on the FLASH accessed by the ST10. As a result of the
analysis, a data stream is sent through I
2C to the TDS7552 DSP. No external memory is required by the
DSP. The software running on the TDA7552 DSP is independent from languages.
Control through I
2C
Management of the DSP is accomplished through an I
2C protocol: the
TDA7552 appears as a slave i
2c device.
Many languages available
The following languages are available:
US English, French, German, Italian, Spanish, Japanese. Other
languages available on request.
Sample rate:
11.025 kHz
audio amp
T
TD
DA
A7
75
55
52
2
F
FL
LA
AS
SH
H
b
ba
an
nk
k
I
2C
S
ST
T1
10
0
m
miic
crro
oc
co
on
nttrro
olllle
err
language-independent code
language-
dependent
code
ASCII string
Figure 3.
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com