Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7550 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7550
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7550 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7550 Datasheet HTML 1Page - STMicroelectronics TDA7550 Datasheet HTML 2Page - STMicroelectronics TDA7550 Datasheet HTML 3Page - STMicroelectronics TDA7550 Datasheet HTML 4Page - STMicroelectronics TDA7550 Datasheet HTML 5Page - STMicroelectronics TDA7550 Datasheet HTML 6Page - STMicroelectronics TDA7550 Datasheet HTML 7Page - STMicroelectronics TDA7550 Datasheet HTML 8Page - STMicroelectronics TDA7550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
24-BIT, FIXED POINT, 50 MIPS DSP CORE
LARGE ON-BOARD PROGRAM ROM AND
DATA RAM (UP TO 16Kw ROM/RAM AND
16Kw RAM)
INTEGRATED STEREO A/D AND D/A, 16-BIT
SIGMA-DELTA
PROGRAMMABLE CODEC SAMPLE RATE
FROM 4 TO 48 kHz
ON-BOARD PLL FOR CORE CLOCK AND
CONVERTERS
MANAGEMENT
OF
EXTERNAL
FLASH/SRAM/DRAM MEMORY BANK
I
2C OR SPI SERIAL INTERFACE FOR EX-
TERNAL CONTROL
80-PIN TQFP, 0.65 mm PITCH
AUTOMOTIVE GRADE (FROM -40° C to
+85°C)
DESCRIPTION
The TDA755X family is a high performances, fully
programmable 24-bit, 50 MIPS Digital Signal
Processor (DSP), designed to support several
speech and audio applications, as Automatic
Speech Recognition, Speech Synthesis, Speaker
Verification, Echo and Noise Cancellation. Soft-
ware for these applications is licenced by Lernout
& Hauspie and NCTI.
It offers an effective solution for this kind of appli-
cations because of the A/D and D/A converters
and the big amount of memory integrated on chip.
This is preliminary information on a new product now in development. Details are subject to change without notice.
September 1999
®
I2C/SPI
PORT
FLAGS
8
FLASH
INTERFACE
SAI
ROM/RAM
DSP
CORE
PLL
RAM
ANALOG OUT
MULTIPLEXED BUS
ANALOG IN
D99AU1020A
DAC
ADC
L
R
L
R
BLOCK DIAGRAM
TQFP80
TDA7550/R TDA7551
TDA7552 TDA7553
DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND
AUDIO APPLICATIONS
PRODUCT PREVIEW
1/12


Similar Part No. - TDA7550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7500 STMICROELECTRONICS-TDA7500 Datasheet
153Kb / 14P
DIGITAL AM/FM SIGNAL PROCESSOR
Sep-1999
TDA7500A STMICROELECTRONICS-TDA7500A Datasheet
367Kb / 40P
DIGITAL AM/FM SIGNAL PROCESSOR
Dec-2001
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
148Kb / 18P
LINE-DRIVER FOR DIGITAL CARRADIO SIGNAL PROCESSOR
Apr-1999
TDA7501 STMICROELECTRONICS-TDA7501 Datasheet
352Kb / 29P
Line driver for digital car radio Signal processor (DSPLD)
17-Jan-2007
TDA7501TR STMICROELECTRONICS-TDA7501TR Datasheet
352Kb / 29P
Line driver for digital car radio Signal processor (DSPLD)
17-Jan-2007
More results

Similar Description - TDA7550

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
Peripheral analog IC for audio signal processing
logo
Sanyo Semicon Device
LV1100 SANYO-LV1100 Datasheet
142Kb / 10P
Digital Surround Audio Signal-Processing IC
logo
Panasonic Semiconductor
AN17000A PANASONIC-AN17000A Datasheet
351Kb / 25P
Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
Audio signal processing IC for notebook PC
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
Audio signal processing IC for notebook PC
logo
Sanyo Semicon Device
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
Video and Audio Signal-Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
VIDEO AND AUDIO SIGNAL-PROCESSING IC
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
Digital signal processing IC for speech and audio applications
11-Apr-2006
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
Digital signal processing IC for speech and audio applications
26-Jan-2009
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
Speech Processing IC
December, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com