Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7550 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7550
Description  DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7550 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7550 Datasheet HTML 1Page - STMicroelectronics TDA7550 Datasheet HTML 2Page - STMicroelectronics TDA7550 Datasheet HTML 3Page - STMicroelectronics TDA7550 Datasheet HTML 4Page - STMicroelectronics TDA7550 Datasheet HTML 5Page - STMicroelectronics TDA7550 Datasheet HTML 6Page - STMicroelectronics TDA7550 Datasheet HTML 7Page - STMicroelectronics TDA7550 Datasheet HTML 8Page - STMicroelectronics TDA7550 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PIN FUNCTIONS
N.
Name
Type
Description
1
EMI_AD5
I/O
EMI Multiplexed Address/Data Line 5. these pin acts as the EMI multiplexed
address and data line 5
2
EMI_AD6
I/O
EMI Multiplexed Address/Data Line 6. these pin acts as the EMI multiplexed
address and data line 6
3
VDD
I
Digital power supply
4
GND
I
Ground
5
EMI_AD7
I/O
EMI Multiplexed Address/Data Line 7. these pin acts as the EMI multiplexed
address and data line 7
6
EMI_A8
O
EMI Address Line 8. these pin acts as the EMI address line 8. The interface is
designed to address up to 4 Mbytes of External Flash, EPROM or SRAM.
7
EMI_A9
O
EMI Address Line 9. these pin acts as the EMI address line 9.
8
EMI_A10
O
EMI Address Line 10. these pin acts as the EMI address line 10.
9
EMI_A11
O
EMI Address Line 11. these pin acts as the EMI address line 11.
10
EMI_A12
O
EMI Address Line 12. these pin acts as the EMI address line 12.
11
EMI_A13
O
EMI Address Line 13. these pin acts as the EMI address line 13.
12
EMI_A14
O
EMI Address Line 14. these pin acts as the EMI address line 14.
13
EMI_A15
O
EMI Address Line 15. these pin acts as the EMI address line 15.
14
VDD
I
Digital power supply
15
GND
I
Ground
16
EMI_A16
O
EMI Address Line 16. these pin acts as the EMI address line 16.
17
EMI_A17
O
EMI Address Line 17. these pin acts as the EMI address line 17.
18
EMI_A18
O
EMI Address Line 18. these pin acts as the EMI address line 18.
19
EMI_A19
O
EMI Address Line 19. these pin acts as the EMI address line 19.
20
EMI_A20
O
EMI Address Line 20. these pin acts as the EMI address line 20.
21
EMI_A21
O
EMI Address Line 21. these pin acts as the EMI address line 21.
22
DWRN
O
EMI Write Enable. This pin serves as the write enable for the EMI
23
TEST1
I
Test 1. Used for test: set to LOW for normal operation
24
TEST2
I
Test 2. Used for test: set to HIGH for normal operation
25
MISO
I/O
SPI Master Output Slave Input Serial Data. Serial Data Output for SPI type serial
Port when in SPI master Mode and Serial Data Input when in SPI Slave Mode
26
MOSI
I/O
SPI Master Input Slave Output Serial Data. Serial Data Input for SPI type serial
Port when in SPI master Mode and Serial Data Output when in SPI Slave Mode
27
VDD
I
Digital Power Supply
28
GND
I
Ground
29
TEST3
I
Test 3. Used for test: set to LOW for normal operation
30
SDI
I
SAI Data Input
31
SCK
I/O
SAI Bit Clock
32
LRCK
I/O
SAI Left/Right Clock
33
VDD
I
Digital power supply
34
GND
I
Ground
35
SDO
O
SAI Data Output
TDA7550R - TDA7550 - TDA7551 - TDA7552 - TDA7553
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com