Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8137 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8137
Description  DUAL 5.1V REGULATOR WITH DISABLE AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8137 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8137 Datasheet HTML 1Page - STMicroelectronics TDA8137 Datasheet HTML 2Page - STMicroelectronics TDA8137 Datasheet HTML 3Page - STMicroelectronics TDA8137 Datasheet HTML 4Page - STMicroelectronics TDA8137 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4
3
1
2
6
OUT 1
RESET
OUT 2
DISABLE
DELAY
CAPACITOR
REFERENCE
PROTECTION
DISABLE
OUT 1
OUT 2
RESET
IN
7
5
C
R
TDA8137
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage Pin 1
20
V
VDIS
Disable Input Voltage Pin 3
20
V
VRST
Output Voltage at Pin 5
20
V
I01, 2
Output Currents
Internally Limited
Pt
Power Dissipation
Internally Limited
TSTG
Storage Temperature
– 65 to + 150
°C
Tj
Junction Temperature
0 to + 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
RTH(j-c)
Thermal Resistance Junction-case
Max.
3
°C/W
Tj
Recommended Junction Temperature
Max.
0 to + 150
°C
ELECTRICAL CHARACTERISTICS (VIN = 7V ; Tj = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V01, 2
Output Voltage
I01, 2 = 10mA
5
5.1
5.2
V
7V < VIN < 14V, 5mA < I0 < 750mA
4.9
5.3
V
VI 01, 2
Dropout Voltage
I01, 2 = 750mA
1.4
V
I01, 2 = 1A
2
V
∆ V01, 2LI
Line Regulation
7V < VIN < 14V, I01, 2 = 200mA
50
mV
∆ V01, 2LO
Load Regulation
5mA < I01, 2 < 0.6A
100
mV
IQ
Quiescent Current
I01 = 10mA, Output 2 Disabled
2
mA
V01RST
Reset Threshold Voltage
(K = V01)
K–0.4
K–.25
K–0.1
V
VRTH
Reset Threshold Hysteresis
(see circuit description)
20
50
75
mV
tRD
Reset Pulse Delay at Pin 5
Ce = 100nF (see circuit description)
25
ms
VRL
Saturation Volt. at Pin 5 in
Reset Condition
I5 = 5mA
0.4
V
TDA8137
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com