Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8137 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8137
Description  DUAL 5.1V REGULATOR WITH DISABLE AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8137 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8137 Datasheet HTML 1Page - STMicroelectronics TDA8137 Datasheet HTML 2Page - STMicroelectronics TDA8137 Datasheet HTML 3Page - STMicroelectronics TDA8137 Datasheet HTML 4Page - STMicroelectronics TDA8137 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
2
1
RESET
V
O1
V
IN1
V
O2
C1
C3
DISABLE
TDA8137
5
3
6
7
C1
C3 = 10
µF
.
.
Ce
C2
TYPICAL APPLICATION
CIRCUIT DESCRIPTION
The TDA8137 is a dual voltage regulator with Reset
and Disable.
The two regulation parts are supplied from one
voltage reference circuit trimmed by zener zap
during EWS test. Since the supply voltage of this
last is connected at Pin 1 (VIN1), the regulator 2 will
not work if the Pin 1 is not supplied.
The outputs stages have been realized in dar-
lington configuration with a drop typical of 1.2V.
The disable circuit, switches off the output 2 if a
voltage lower than 0.8V is applied at pin 3.
The Reset circuit checks the voltage at the output
1. If this one goes below VOUT - 0.25V (4.85V Typ.),
the comparator "a" (see Figure 1) discharges rap-
idly the capacitor Ce and the reset output goes at
once low. When the voltage at the OUT 1 rises
above VOUT -0.2V (4.9V Typ.), the voltage VCe
increases linearly to 2.5V corresponding to a delay
td following the low : td
=
Ce
⋅ 2.5V
10
µA
(see figure 2),
then the reset output goes high again. To avoid
glitches in the reset output, the second comparator
"b" has a large hysteresis (1.9V).
TDA8137
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com