Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8137 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8137
Description  DUAL 5.1V REGULATOR WITH DISABLE AND RESET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8137 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8137 Datasheet HTML 1Page - STMicroelectronics TDA8137 Datasheet HTML 2Page - STMicroelectronics TDA8137 Datasheet HTML 3Page - STMicroelectronics TDA8137 Datasheet HTML 4Page - STMicroelectronics TDA8137 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (VIN = 7V ; Tj = 25
oC unless otherwise specified) (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IRH
Leakage Current at Pin 5 in Normal Condition
V5 = 10V
10
µA
K01,2
Output Volt. Thermal Drift
K0
=
∆Vo ⋅ 106
∆T ⋅ VO
Tj = 0 to + 125
°C
100
ppm/
°C
I01,2SC
Short Circ. Output Current
VIN = 7V
1.6
A
VIN = 16V, (see note 1)
1
A
VDISH
Disable Volt. at Pin 3 High (out 2 active)
2
V
VDISL
Disable Volt. at Pin 3 Low (out 2 disabled)
0.8
V
IDIS
Disable Bias Current at Pin 3
0V < VDIS < 7V
-100
2
µA
Tjsd
Junction Temp. for Thermal Shut Down
145
°C
Note 1 :
The output short circuit currents are tested one channel at time.
During a short circuit a large consumption of power occurs, anyway the thermal protection circuit guarantees the temperature not over-
comes high value.
Safe permanent short-circuit is only guaranteed for input voltages up to 16V.
OUT 1
REG
REF
2.5V
-
+
50
a
+
-
Ce
2.5V 0.6V
b
RESET
10
µA
7
2
5
Figure 1
TD
RESET
∆VOUT LOW
5.1V
4.9V
4.85V
TD
Figure 2
TDA8137
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com