Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8143 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA8143
Description  HORIZONTAL DEFLECTION POWER DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8143 Datasheet(HTML) 7 Page - STMicroelectronics

  TDA8143 Datasheet HTML 1Page - STMicroelectronics TDA8143 Datasheet HTML 2Page - STMicroelectronics TDA8143 Datasheet HTML 3Page - STMicroelectronics TDA8143 Datasheet HTML 4Page - STMicroelectronics TDA8143 Datasheet HTML 5Page - STMicroelectronics TDA8143 Datasheet HTML 6Page - STMicroelectronics TDA8143 Datasheet HTML 7Page - STMicroelectronics TDA8143 Datasheet HTML 8Page - STMicroelectronics TDA8143 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
In Figure 7 is shown the application diagram of the
TDA8143, the few external component and the
automatic handling possibility ensures a lower ap-
plication cost versus the conventional approach
shown in Figure 3.
In Figure 8 is shown the currents and voltage
waveforms of the driver circuit of Figure 7 as to be
seen, the driving charge Ib
⋅ ton has been reduced
at minimum.
The power dissipation on this application condition
is about 1.3W.
The presence of thermal shut-down circuit means
that the heatsink can have a smaller factor of safety
compared with that of a conventional circuit.
If for any reason, the junction temperature in-
creases up to 150
oC, the thermal shut-down simply
switches off the device.
&
C
VOLTAGE
CONTROL
V < 7V
j
OVERTEMP.
PROTECTION
T < 150˚C
&
Q9
V1
R2
R1
INPUT
TRANSCONDUCTANCE
AMPLIFIER
V2
Q10
Q11
R5
D2
Q7
Q6
R4
D1
Q1
Q4
Q3
R3
Q8
R6
Q2
Q5
I
1
I
2
REF
IN
V
V
= 750mV
OUTPUT
I
B
SENSE
INPUT
V
+
CC
PROTECTION
AND REMOTE
STANDBY INPUT
CONTROL
INPUT
SPECIAL
REMOTE
STANDBY
SENSE
GROUND
C
EXT
C
T
9
8
7
6
15
4
2
3
POWER
GROUND
Figure 6 : Block Diagram of the Integrated Horizontal Driver
TDA8143
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com