Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8143 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8143
Description  HORIZONTAL DEFLECTION POWER DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8143 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8143 Datasheet HTML 1Page - STMicroelectronics TDA8143 Datasheet HTML 2Page - STMicroelectronics TDA8143 Datasheet HTML 3Page - STMicroelectronics TDA8143 Datasheet HTML 4Page - STMicroelectronics TDA8143 Datasheet HTML 5Page - STMicroelectronics TDA8143 Datasheet HTML 6Page - STMicroelectronics TDA8143 Datasheet HTML 7Page - STMicroelectronics TDA8143 Datasheet HTML 8Page - STMicroelectronics TDA8143 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDA8143
HORIZONTAL DEFLECTION POWER DRIVER
September 1993
9
8
7
6
5
4
3
2
1
GROUND
OUTPUT
V+
CC
SENSE-IN
GROUND
SPECIAL REMOTE STANDBY
CONTROL INPUT
PROTECTION AND REMOTE STANDBY INPUT
C
T
PIN CONNECTIONS
SIP9
(Plastic Package)
ORDER CODE : TDA8143
.
CONTROLLED DRIVING OF THE POWER
TRANSISTOR DURING TURN ON AND OFF
PHASE FOR MINIMUM POWER DISSIPA-
TION AND HIGH RELIABILITY
.
HIGH SOURCE AND SINK CURRENT CAPA-
BILITY
.
DISCHARGE CURRENT DERIVED FROM
PEAK CHARGE CURRENT
.
CONTROLLED DISCHARGE TIMING
.
DISABLE FUNCTION FOR SUPPLY UNDER
VOLTAGE AND NONSYNCHRONOUS OP-
ERATION
.
PROTECTION FUNCTION WITH HYSTERE-
SIS FOR OVERTEMPERATURE
.
OUTPUT DIODE CLAMPING
.
LIMITING OF THE COLLECTOR PEAK CUR-
RENT OF THE DEFLECTION POWER TRAN-
SISTOR DURING TURN ON PERIOD
.
SPECIAL REMOTE FUNCTION WITH DELAY
TIME TO SWITCH THE OUTPUT ON
DESCRIPTION
The TDA8143 is a monolithic integrated circuit
designed to drive the horizontal deflection power
tran-sistor.
The current source characteristic of this device is
adapted to the non-linear current gain behaviour of
the power transistor providing a minimum power
dissipation. The TDA8143 is internally protected
against short circuits and thermal overload.
1/9


Similar Part No. - TDA8143

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8140 STMICROELECTRONICS-TDA8140 Datasheet
191Kb / 10P
HORIZONTAL DEFLECTION POWER DRIVER
Sep-1993
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
81Kb / 5P
TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
Oct-1998
TDA8145 STMICROELECTRONICS-TDA8145 Datasheet
134Kb / 9P
TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
14-May-2004
TDA8145 STMICROELECTRONICS-TDA8145_04 Datasheet
134Kb / 9P
TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES
14-May-2004
TDA8146 STMICROELECTRONICS-TDA8146 Datasheet
88Kb / 5P
EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES
May-1993
More results

Similar Description - TDA8143

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD1427 MOSPEC-2SD1427 Datasheet
123Kb / 3P
HORIZONTAL DEFLECTION POWER TRANSISTOR
2SD869 MOSPEC-2SD869 Datasheet
127Kb / 3P
HORIZONTAL DEFLECTION POWER TRANSISTOR(NPN)
logo
STMicroelectronics
TDA8140 STMICROELECTRONICS-TDA8140 Datasheet
191Kb / 10P
HORIZONTAL DEFLECTION POWER DRIVER
Sep-1993
logo
Boca Semiconductor Corp...
BU204 BOCA-BU204 Datasheet
122Kb / 3P
HORIZONTAL DEFLECTION TRANSISTOR
logo
Sanyo Semicon Device
2SC2271 SANYO-2SC2271 Datasheet
567Kb / 7P
CHROMA OUTPUT, HORIZONTAL DEFLECTION DRIVER APPLICATIONS
logo
Hitachi Semiconductor
2SD781 HITACHI-2SD781 Datasheet
313Kb / 2P
POWER SWITCHING TV HORIZONTAL DEFLECTION OUTPUT
logo
List of Unclassifed Man...
2SD1576 ETC-2SD1576 Datasheet
93Kb / 2P
Horizontal Deflection Output
logo
Panasonic Semiconductor
2SD1632 PANASONIC-2SD1632 Datasheet
92Kb / 2P
Horizontal Deflection Output
logo
New Jersey Semi-Conduct...
BU207 NJSEMI-BU207 Datasheet
157Kb / 3P
HORIZONTAL DEFLECTION TRANSISTOR
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com