Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8143 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8143
Description  HORIZONTAL DEFLECTION POWER DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8143 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8143 Datasheet HTML 1Page - STMicroelectronics TDA8143 Datasheet HTML 2Page - STMicroelectronics TDA8143 Datasheet HTML 3Page - STMicroelectronics TDA8143 Datasheet HTML 4Page - STMicroelectronics TDA8143 Datasheet HTML 5Page - STMicroelectronics TDA8143 Datasheet HTML 6Page - STMicroelectronics TDA8143 Datasheet HTML 7Page - STMicroelectronics TDA8143 Datasheet HTML 8Page - STMicroelectronics TDA8143 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2.2
1.8
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
GG
or
ON
OFF
(A/V)
(A/V)
2.1
2.0
1.9
1.7
VV
(mV) or
Pin3
Pin5 (mV)
Figure 1 :
GON
VPin3
and
|
GOFF|
VPin5
BU508
R S
+12V
STANDBY
OUT
R
f
C
a
D1
L
O
R
O
C O
R
b
C
b
C
S
TDA8143
1
5
6
4
2
9
3
8
Figure 2 : Large Screen Application
COMPONENTS LIST FOR TYPICAL APPLICATION
CRT
22"/26" 100
°
14"/20" 90
°
CRT
22"/26" 100
°
14"/20" 90
°
Ca
Ro
Co
Lo
47
µF
27
Ω 2W
220
µF
10
µH
47
µF
27
Ω 1 W
220
µF
10
µH
Rb
Cb
Rs
Cs
4.7
Ω
47 nF
0.15
Ω
1 nF
4.7
Ω
47 nF
0.1
Ω
1 nF
TDA8143
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com