Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1205 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSDF1205
Description  12 GHz Silicon NPN Planar RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSDF1205 Datasheet HTML 1Page - Vishay Siliconix TSDF1205 Datasheet HTML 2Page - Vishay Siliconix TSDF1205 Datasheet HTML 3Page - Vishay Siliconix TSDF1205 Datasheet HTML 4Page - Vishay Siliconix TSDF1205 Datasheet HTML 5Page - Vishay Siliconix TSDF1205 Datasheet HTML 6Page - Vishay Siliconix TSDF1205 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSDF1205 / 1205R / 1205W / 1205RW
Document Number 85065
Rev. 1.7, 08-Sep-08
Vishay Semiconductors
www.vishay.com
3
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 2 V, IC = 5 mA, f = 1 GHz
fT
12
GHz
Collector-base capacitance
VCB = 1 V, f = 1 MHz
Ccb
0.2
pF
Collector-emitter capacitance
VCE = 1 V, f = 1 MHz
Cce
0.35
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.15
pF
Noise figure
VCE = 2 V, IC = 2 mA, ZS = ZSopt,
ZL = 50 Ω, f = 2 GHz
F1.3
dB
Power gain
VCE = 2 V, IC = 2 mA, f = 2 GHz
(at Fopt)
Gpe
13
dB
VCE = 2 V, IC = 5 mA, ZS = ZSopt,
ZL = 50 Ω f = 2 GHz
Gpe
11.5
dB
Transducer gain
VCE = 2 V, IC = 5 mA, Z0 = 50 Ω,
f = 2 GHz
|S21e|
2
12.5
dB
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 2. Transition Frequency vs. Collector Current
0
20
40
60
80
100
0
204060
80
100 120 140 160
Tamb -Ambient Temperature (°C)
14284
0
2
4
6
8
10
12
14
16
0246
8
10
12
14
IC - Collector Current (mA)
14285
f=1GHz
VCE =3 V
VCE =2 V
Figure 3. Collector Base Capacitance vs. Collector Base Voltage
Figure 4. Noise Figure vs. Collector Current
0.0
0.1
0.2
0.3
0.4
0.5
012345
VCB - Collector Base Voltage (V)
14286
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0123456
IC - Collector Current (mA)
14287
VCE =2 V
f=2GHz
ZS =50
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com