Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1205 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF1205
Description  12 GHz Silicon NPN Planar RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF1205 Datasheet HTML 1Page - Vishay Siliconix TSDF1205 Datasheet HTML 2Page - Vishay Siliconix TSDF1205 Datasheet HTML 3Page - Vishay Siliconix TSDF1205 Datasheet HTML 4Page - Vishay Siliconix TSDF1205 Datasheet HTML 5Page - Vishay Siliconix TSDF1205 Datasheet HTML 6Page - Vishay Siliconix TSDF1205 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSDF1205 / 1205R / 1205W / 1205RW
Document Number 85065
Rev. 1.7, 08-Sep-08
Vishay Semiconductors
www.vishay.com
1
13629
SOT143
SOT343
SOT343R
1
2
4
3
SOT143R
2
1
3
4
1
2
4
3
2
1
3
4
Electrostatic sensitivedevice.
Observeprecautions for handling.
Not for new design, this product will be obsoleted soon
12 GHz Silicon NPN Planar RF Transistor
Features
• Low power applications
• Very low noise figure
• High transition frequency fT = 12 GHz
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
For low noise and small signal low power amplifiers.
This transistor has superior noise figure and associ-
ated gain performance at UHF, VHF and microwave
frequencies.
Mechanical Data
Typ:TSDF1205
Case: SOT143 Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Collector, 2 = Emitter,
3 = Base, 4 = Emitter
Typ: TSDF1205R
Case: SOT143R Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Collector, 2 = Emitter,
3 = Base, 4 = Emitter
Typ: TDSF1205W
Case: SOT343 Plastic case
Weight: approx. 6.0 mg
Pinning: 1 = Collector, 2 = Emitter,
3 = Base, 4 = Emitter
Typ: TSDF1205RW
Case: SOT343R Plastic case
Weight: approx. 8.0 mg
Pinning: 1 = Collector, 2 = Emitter,
3 = Base, 4 = Emitter
Parts Table
Part
Ordering Code
Type Marking
Remarks
TSDF1205
TSDF1205-GS08
F05
Tape and Reel
TSDF1205R
TSDF1205R-GS08
05F
Tape and Reel
TSDF1205RW
TSDF1205RW-GS08
W0F
Tape and Reel
TSDF1205W
TSDF1205W-GS08
WF0
Tape and Reel
e3


Similar Part No. - TSDF1205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1205 VISHAY-TSDF1205 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
TSDF1205 VISHAY-TSDF1205 Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
TSDF1205R VISHAY-TSDF1205R Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
TSDF1205R VISHAY-TSDF1205R Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
TSDF1205RW VISHAY-TSDF1205RW Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
More results

Similar Description - TSDF1205

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
TSDF1920W VISHAY-TSDF1920W Datasheet
55Kb / 4P
25 GHz Silicon NPN Planar RF Transistor
02-May-02
TSDF2020W VISHAY-TSDF2020W Datasheet
62Kb / 4P
25 GHz Silicon NPN Planar RF Transistor
02-May-02
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
TSDF1920W VISHAY-TSDF1920W_08 Datasheet
172Kb / 5P
25 GHz Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com