Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1205 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSDF1205
Description  12 GHz Silicon NPN Planar RF Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1205 Datasheet(HTML) 4 Page - Vishay Siliconix

  TSDF1205 Datasheet HTML 1Page - Vishay Siliconix TSDF1205 Datasheet HTML 2Page - Vishay Siliconix TSDF1205 Datasheet HTML 3Page - Vishay Siliconix TSDF1205 Datasheet HTML 4Page - Vishay Siliconix TSDF1205 Datasheet HTML 5Page - Vishay Siliconix TSDF1205 Datasheet HTML 6Page - Vishay Siliconix TSDF1205 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 85065
Rev. 1.7, 08-Sep-08
TSDF1205 / 1205R / 1205W / 1205RW
Vishay Semiconductors
Package Dimensions in mm (Inches): SOT143
Package Dimensions in mm (Inches): SOT143R
96 12240
foot print recommendation:
0.8 [0.031]
1.9 [0.075]
0.8 [0.031]
1.7 [0.067]
1.2 [0.047]
0.8 [0.031]
1.8 [0.071]
2 [0.079]
0.35 [0.014]
0.9 [0.035]
0.75 [0.030]
1.6 [0.063]
2.8 [0.110]
3 [0.118]
2.35 [0.093]
2.6 [0.102]
0.35 [0.014]
0.5 [0.020]
0.5 [0.020]
0.35 [0.014]
0.5 [0.020]
1.8 [0.071]
96 12239



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com