Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8192 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8192
Description  MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8192 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8192 Datasheet HTML 1Page - STMicroelectronics TDA8192 Datasheet HTML 2Page - STMicroelectronics TDA8192 Datasheet HTML 3Page - STMicroelectronics TDA8192 Datasheet HTML 4Page - STMicroelectronics TDA8192 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AGC
2
4
6
7
8
9
10
11
13
14
15
17
19
20
FIRST
AM
STAGE
1
5
3
18
16
12
FM
LIMITER
FM
DEMOD
2nd AM
STAGE
AM
DEMOD
MUTE
VOLUME
CONTROL
REFERENCE
VOLTAGE
POWER
SUPPLY
SCART
SWITCH
VOLUME
CONTROL
INPUT
AUDIO
OUTPUT
IF/AM INPUT
AMPLIFIED
AGC (BYPASS)
AGC BYPASS
FM INPUT
FM INPUT
(BYPASS)
GND
SCART
AUDIO
OUTPUT
MUTE
SWITCH
AM/FM
SWITCH
DEEMPHASIS
CAPACITOR
5.5MHz
TUNED
CIRCUIT
1st
STAGE
OUTPUT
2nd
STAGE
INPUT
2nd
STAGE
OUTPUT
SCART
AUDIO
INPUT
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
16
V
Ptot
Total Power Dissipation at Tamb
≤ 70°C
800
mW
Top
Operating Temperature
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
100
°C/W
TDA8192
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com