Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8192 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8192
Description  MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8192 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8192 Datasheet HTML 1Page - STMicroelectronics TDA8192 Datasheet HTML 2Page - STMicroelectronics TDA8192 Datasheet HTML 3Page - STMicroelectronics TDA8192 Datasheet HTML 4Page - STMicroelectronics TDA8192 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA8192
MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
October 1993
.
A 2-STAGE GAIN CONTROLLED AMPLIFIER,
PROVIDING COMPLETE IF GAIN ;
(AM SECTION)
.
A PEAK DETECTOR AND INTEGRATION
WHICH PROVIDES AGC-VOLTAGE ;
(AM SECTION)
.
A
6-STAGE
LIMITING
AMPLIFIER
FOL-
LOWED BY A SYNCHRONOUS DEMODULA-
TOR AND DEEMPHASIS NETWORK ;
(FM SECTION)
.
AN AUDIO PREAMPLIFIER
.
A CIRCUIT PROVIDING AM/FM SWITCHING
AND MUTE FACILITIES
.
AN EXTERNAL AUDIO INPUT CIRCUIT WITH
SWITCHING
FACILITIES
TO
DELIVER
EITHER THE DEMODULATED IF, OR THE
EXTERNAL AUDIO SIGNAL AT THE OUTPUT
FULLY COMPATIBLE WITH THE SCART
EUROPEAN NORM EN50 049
.
A DC CONTROLLED VOLUME CIRCUIT
DESCRIPTION
The demodulated IF signal is always available at a
low impedance output.
DIP20
(Plastic Package)
ORDER CODE : TDA8192
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IF/AM INPUT
AMPLIFIED AGC (BYPASS)
1st STAGE OUTPUT
AM/FM SWITCH
2nd STAGE INPUT
2nd STAGE OUTPUT
REFERENCE VOLTAGE (+6V)
VOLUME CONTROL INPUT
AGC BYPASS
GND
FM INPUT
FM INPUT (BYPASS)
5.5MHz TUNED CIRCUIT
DEEMPHASIS CAPACITOR
MUTE SWITCH
SCART AUDIO OUTPUT
SCART SWITCH
SCART AUDIO INPUT
POWER SUPPLY (+12V)
RMS
AUDIO OUTPUT (0 to 1 V
)
PIN CONNECTIONS
1/5


Similar Part No. - TDA8192

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
TDA8191 STMICROELECTRONICS-TDA8191 Datasheet
133Kb / 6P
TV SOUND CHANNEL
Sep-1993
TDA8196 STMICROELECTRONICS-TDA8196 Datasheet
61Kb / 5P
AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
May-1996
TDA8198 STMICROELECTRONICS-TDA8198 Datasheet
54Kb / 5P
DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
More results

Similar Description - TDA8192

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1100 NTE-NTE1100 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp, FM IF Amp
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
Integrated Circuit TV Sound IF Amp & FM Detector
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
Integrated Circuit TV/FM Sound IF Amplifier
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
Integrated Circuit TV/FM Sound IF Detector
logo
NXP Semiconductors
TDA3843 PHILIPS-TDA3843 Datasheet
63Kb / 10P
Sound-IF circuit for TV AM-sound standard L and L?
March 1991
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
Multistandard Sound IF
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
Siemens Semiconductor G...
TDA2460-2 SIEMENS-TDA2460-2 Datasheet
372Kb / 14P
MULTISTANDARD AM FM SOUND IF IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com