Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8192 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8192
Description  MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8192 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8192 Datasheet HTML 1Page - STMicroelectronics TDA8192 Datasheet HTML 2Page - STMicroelectronics TDA8192 Datasheet HTML 3Page - STMicroelectronics TDA8192 Datasheet HTML 4Page - STMicroelectronics TDA8192 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C, VS = 12V unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vs
Supply Voltage
10.8
12
13.2
V
Id
Supply Current
Vi = 0
AM
FM
30
30
mA
mA
AM SECTION (fi = 39.2MHz, Vi = 1mV, m = 0.8, fm = 1kHz unless otherwise specified)
Vi
Input Sensitivity
S/N = 26dB
35
µV
S
+ N
N
Signal to Noise Ratio
Vi = 0.1mV
m = 0.3
Vi = 1mV
Vi = 10mV
50
36
50
56
dB
Vi
AGC Range
∆VOUT = – 1 to + 1dB
66
dB
Vo
Recovered Audio Signal
0.6
1
1.5
VRMS
d
Distortion (1)
3
%
d
Distortion (2)
3
%
Ri
Input Resistance between Pins 1 and 2
m = 0
2
k
Ci
Input Capacitance between Pins 1 and 2
m = 0
18
pF
FM SECTION (fi = 5.5MHz, Vi = 1mV,
∆f = ± 50KHz, fm = 1kHz, unless otherwise specified) (continued)
Vi
Input Limiting Voltage
– 3dB Limiting Point
30
µV
AMR
Amplitude Modulation
Vi = 30mV, m = 0.3
55
dB
S
+ N
N
Signal to Noise Ratio
Vi = 1mV
60
dB
d
Distortion (3)
1.5
%
d
Distortion (4)
2
%
Vo
Recovered Audio Signal
0.5
1
1.5
VRMS
Ri
Input Resistance
∆f = 0
2
k
Ci
Input Capacitance
∆f = 0
14
pF
CT
Crosstalk AM/FM
70
dB
AM/FM AND MUTE SWITCHING
FM ”on” (pin. 4)
2.5
VS
V
AM ”on” (pin 4)
0
0.8
V
Mute ”on” (pin 15)
0
1
V
Mute ”off” (pin 15)
5
VS
V
Signal Attenuation for Mute ”off”
70
dB
Mute Switch Current
110
µA
AM/FM Switch Current
50
250
µA
SCART SWITCHING
Mode Selection Voltage : TV Selected (pin. 13)
0
5
V
Mode Selection Voltage : Scart Selected (pin 13)
8
12
V
Scart Switch Input Resistance
10
k
Scart Audio Input Amplitude (pin 12)
0.5
2
Vrms
Crosstalk Between Switched Inputs (TV scart)
80
dB
DC VOLUME CONTROL
Audio Output Impedance (pin 10)
1
k
Control Range
90
dB
Output/input Gain for Maximum Gain Control
0
dB
Gain Control Voltage
0.5
4.5
V
Noise Level (DIN 45405)
25
µVrms
(1)
50% volume setting, Vi = 1mV
(2)
50% volume setting, Vi = 10mV
(3)
Vi = 1mV, fm = 100 to 10.000Hz
(4)
Vi = 1mV,
± 20KHz offset (detuning of phase shift filter).
TDA8192
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com