Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8196 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA8196
Description  AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8196 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA8196 Datasheet HTML 1Page - STMicroelectronics TDA8196 Datasheet HTML 2Page - STMicroelectronics TDA8196 Datasheet HTML 3Page - STMicroelectronics TDA8196 Datasheet HTML 4Page - STMicroelectronics TDA8196 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage (pin 1)
16
V
Tstg,Tj
Storage and Junction Temperature
– 55 to 125
°C
Tamb
Operating Ambient Temperature
0 to 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient
Max
200
°C/W
ELECTRICAL CHARACTERISTICS
(refer to the test circuit, VS = 12V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Pin
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage
1
10.8
12
13.2
V
IS
Supply Current
1
Vi =0, VC = 0.5V
12
mA
VR
Reference Voltage
5
6.6
V
VSW
Switching Voltage
Audio Input 1
Audio Input 2
30
8
5
12
V
V
RSW
Switching Input Resistance
3
VSW = 12V
20
30
k
CSW
Switching Input Capacitance
3
10
pF
Ct
Crosstalk between Switched
Inputs
Selective Volmeter
(BW = 8Hz), see Fig.1
70
90
dB
Vi
Audio Input Amplitude (1 or 2)
4
2
0.5
2
VRMS
Ri
Audio Input Resistance (1 or 2)
4
210
13
k
Kmin
Output / Input Gain for Max Vol
0
dB
RO
Audio Output Resistance
8
0.2
1
k
KV
Attenuation Range
Selective Volmeter
(BW = 8Hz), see Fig.2
70
90
dB
VC
Control Voltage Range
KV =KMAX (Vol. min)
KV =KMIN (Vol. max)
6
0.5
4.5
V
V
THD
Distortion
8
Vi =2 VRMS @VC = 4.5V
0.4
1
%
En
Output Noise Level
8
DIN45405
VC = 0.5V Weighted
40
µVRMS
En
Output Noise Level
8
DIN45405
VC = 4.5V Weighted
120
µVRMS
KV
∆Ta
Vol. Attenuation Thermal Drift
Tamb = 0 to 70
oC
KV = 30dB, see Fig.3
0.04
dB/
oC
SVR
Supply Voltage Rejection
8
VC = 0.5V, f = 100Hz
Vripple =1VPP
Selective Volmeter
(BW = 8Hz), see Fig.4 and 5
38
dB
VO
Output DC Shift
8
VC = 0.5 + 4.5V, Vi =2 VRMS
0.25
V
TDA8196
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com