Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8196 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA8196
Description  AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8196 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA8196 Datasheet HTML 1Page - STMicroelectronics TDA8196 Datasheet HTML 2Page - STMicroelectronics TDA8196 Datasheet HTML 3Page - STMicroelectronics TDA8196 Datasheet HTML 4Page - STMicroelectronics TDA8196 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TDA8196
AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
May 1996
30k
Ω
15k
Ω
IMPEDANCE
ADAPTER
S WITCH
15k
Ω
IMPEDANCE
ADAPTER
REFERENCE
VOLTAGE
AUDIO
OUT
47
µF
AUDIO
INPUT (2)
AUDIO
INPUT (1)
S WITCHING CONTROL ( V
SW )
6.6V
V
S
3
4
2
75
6
8
1
V
C
BLOCK DIAGRAM
1
2
3
4
8
7
6
5
AUDIO OUT
GND
VOLUME CONTROL
AUDIO INPUT (2)
SWITCHING CO NTROL
AUDIO INPUT (1)
S
+V
C REF
PIN CONNECTION (top view)
.
TWO AUDIO INPUTS WITH SWITCHING
FACILITIES FULLY COMPATIBLE WITH THE
SCART EUROPEAN NORM EN 50049
.
DC VOLUME CONTROL
DIP8
(Plastic Package)
ORDER CODE : TDA8196
DESCRIPTION
The TDA8196 is a monolithic integrated circuit in
DIP8 package intended for TV applications.
1/5


Similar Part No. - TDA8196

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8190 STMICROELECTRONICS-TDA8190 Datasheet
183Kb / 11P
TV SOUND CHANNEL WITH DC CONTROLS
Sep-1993
TDA8191 STMICROELECTRONICS-TDA8191 Datasheet
133Kb / 6P
TV SOUND CHANNEL
Sep-1993
TDA8192 STMICROELECTRONICS-TDA8192 Datasheet
44Kb / 5P
MULTISTANDARD AM AND FM SOUND IF CIRCUIT FOR TV
Oct-1993
TDA8198 STMICROELECTRONICS-TDA8198 Datasheet
54Kb / 5P
DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
More results

Similar Description - TDA8196

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4834 NSC-LM4834 Datasheet
443Kb / 12P
1.75W Audio Power Amplifier with DC Volume Control and Microphone Preamp
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
NXP Semiconductors
TDA9830 PHILIPS-TDA9830 Datasheet
138Kb / 15P
TV sound AM-demodulator and audio source switch
June 1994
logo
STMicroelectronics
TDA8198 STMICROELECTRONICS-TDA8198 Datasheet
54Kb / 5P
DOUBLE AUDIO SWITCH AND DC VOLUME CONTROL FOR TV
May-1996
TDA8199 STMICROELECTRONICS-TDA8199 Datasheet
45Kb / 4P
STEREO AMPLIFIER AND DC VOLUME CONTROL FOR TV
May-1996
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
AUDIO/VIDEO SWITCH FOR TV, VCR
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
673Kb / 13P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958 Datasheet
299Kb / 7P
For TV, VTR Audio/Video Switch
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com