Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8196 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA8196
Description  AUDIO SWITCH AND DC VOLUME CONTROLFOR TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8196 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA8196 Datasheet HTML 1Page - STMicroelectronics TDA8196 Datasheet HTML 2Page - STMicroelectronics TDA8196 Datasheet HTML 3Page - STMicroelectronics TDA8196 Datasheet HTML 4Page - STMicroelectronics TDA8196 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SVR 15625Hz
SVR 50Hz
70
60
50
40
30
20
10
0
20406080
100
SVR (dB)
Figure 5 : SVR vs. Volume Attenuation
4
2
SWITCH
VOLUME
CONTROL
8
35
6
17
VOLUME
CONTROL
(0.5 to 4.5)
OUTP UT
C5 1
µF
C1 2.2
µF
C2 2.2
µF
INPUT 1
INPUT 2
VS
C3 47
µF
C4
47
µF
S WITCH
CONTROL
TDA8196
APPLICATION CIRCUIT
TDA8196
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com