Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61508FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61508FP
Description  The Electric Volume of Built-in Non Fader Volume with Tone
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61508FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61508FP Datasheet HTML 9Page - Renesas Technology Corp M61508FP Datasheet HTML 10Page - Renesas Technology Corp M61508FP Datasheet HTML 11Page - Renesas Technology Corp M61508FP Datasheet HTML 12Page - Renesas Technology Corp M61508FP Datasheet HTML 13Page - Renesas Technology Corp M61508FP Datasheet HTML 14Page - Renesas Technology Corp M61508FP Datasheet HTML 15Page - Renesas Technology Corp M61508FP Datasheet HTML 16Page - Renesas Technology Corp M61508FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
M61508FP
REJ03F0203-0201 Rev.2.01 Mar 31, 2008
Page 13 of 24
Loudness, Tone Control Frequency Characteristic
Figure 1 Loudness Frequency Characteristic
0.0
–10
–20
–30
–40
–50
–60
–70
10
100
1 k
Frequency
10 k
VOL1 = –5 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –10 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –15 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –20 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –25 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –5 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –10 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –15 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –20 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –25 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = 0 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –6 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –6 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –12 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –12 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –18 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –18 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –24 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –24 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –30 dB LOUD VOL = –20 dB
VOL1 = –30 dB VOL2 = –30 dB LOUD VOL = –20 dB
100 k
Figure 2 Loudness Frequency Characteristic (VOL = –30 dB, Loudness = –20 dB, f0 = Variable)
–15.0
–17.0
–19.0
–21.0
–23.0
–25.0
–27.0
–29.0
–31.0
10
100
1 k
Frequency
10 k
100 k
Figure 3 Bass Frequency Characteristic (f0 = 50 Hz, Q = 2, Gv = Variable)
20
10
0.0
–10
–20
10
100
1 k
Frequency
10 k
100 k
Figure 4 Bass Frequency Characteristic (Gv = +16 dB, f0 = Variable, Q = 2)
20
10
0.0
–10
–20
10
100
1 k
Frequency
10 k
100 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com