Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61508FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61508FP
Description  The Electric Volume of Built-in Non Fader Volume with Tone
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61508FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61508FP Datasheet HTML 17Page - Renesas Technology Corp M61508FP Datasheet HTML 18Page - Renesas Technology Corp M61508FP Datasheet HTML 19Page - Renesas Technology Corp M61508FP Datasheet HTML 20Page - Renesas Technology Corp M61508FP Datasheet HTML 21Page - Renesas Technology Corp M61508FP Datasheet HTML 22Page - Renesas Technology Corp M61508FP Datasheet HTML 23Page - Renesas Technology Corp M61508FP Datasheet HTML 24Page - Renesas Technology Corp M61508FP Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
M61508FP
REJ03F0203-0201 Rev.2.01 Mar 31, 2008
Page 21 of 24
2. Loudness Gain Setting
Lower Figure is Structure of Loudness Circuit.
+
–
+
–
+
–
10
VOLUME 1
LOUDNESS VOLUME
LOUDNESS
FILTER
(Gv = 0 dB)
VIN
V1
V2
R
R
R
R
VOUT
Output Voltage (VOUT) of Setting Structure of Upper Figure
It is noted as Volume 1 Output Voltage = V1, Loudness Filter Output Voltage = V2, VOUT and Gv (Boost quantity) is
given at the lower formula
VOUT = V1 + V2 (Vrms)
VOUT = 31.6 m + 100 m
= 131.6 mVrms
ex.) VIN = 1 Vrms/60 Hz, Volume1 = –30 dB,
Output Volutage and Boost Quantity of 60 Hz of Loudness Volume = –20 dB setting
From: Volume1, Loudness Volume attenuation quantity
Become: V1 = 31.6 mVrms
V2 = 100 mVrms
If the sub situdes the equation for the upper formula,
the following equation is given,
Gv = 20 log
– (–30 dB)
(31.6 m + 100 m)
1
=12.4 dB is obtained
Gv
(V1 + V2)
VIN
– (Volume 1 attenuation quantity) (dB)
Gv = 20 log
Volume 1 = –30 dB
Frequency (Hz)
In the item, the Loudness Gain Setting example is shown, when Volume 1 fixation and doing the Loudness Volume
variably. Please refer to Plan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com