Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 9Page - STMicroelectronics TDA9112 Datasheet HTML 10Page - STMicroelectronics TDA9112 Datasheet HTML 11Page - STMicroelectronics TDA9112 Datasheet HTML 12Page - STMicroelectronics TDA9112 Datasheet HTML 13Page - STMicroelectronics TDA9112 Datasheet HTML 14Page - STMicroelectronics TDA9112 Datasheet HTML 15Page - STMicroelectronics TDA9112 Datasheet HTML 16Page - STMicroelectronics TDA9112 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
TDA9112
13/51
Note 11: The threshold for VVOB is generated internally and routed to VOscF pin. Any DC current on this pin will
influence the value of VVOB.
Note 12: Maximum of deviation from an ideally linear sawtooth ramp at null
SCOR (Sad09 at x0000000b) and null
CCOR (Sad0A at x1000000b). The same rate applies to V-drive signal on VOut pin.
Note 13: Maximum
SCOR (Sad09 at x1111111b), null CCOR (Sad0A at x1000000b).
Note 14: Null
SCOR (Sad09 at x0000000b).
Note 15: ”tVR” is time from the beginning of vertical ramp of V-drive signal on VOut pin. ”TVR” is the duration of this ramp,
see chapter TYPICAL OUTPUT WAVEFORMS and Figure 16.
Note 16: VVOamp = VVOT -VVOB
Note 17: The same rate applies to V-drive signal on VOut pin.
Note 18: Informative, not tested on each unit.
6.6 - EW DRIVE SECTION
VCC = 12V, Tamb =25°C
Symbol
Parameter
Test Conditions
Value
Units
Min.
Typ.
Max.
VEW
Output voltage on EWOut pin
1.8
6.5
V
IEWOut
Current sourced by EWOut out-
put
-1.5
0
mA
VHEHT
Control voltage range on HEH-
TIn pin
1
VRefO
V
VEW-DC
DC component of the EW-drive
signal on EWOut pin
(19)(22)(23)(30)
tVR=1/2 TVR
(15)
HSIZE (Sad10h):
0000000xb
1000000xb
1111111xb
2
3.25
4.5
V
V
V
Breathing compensation on
VEW-DC
(19)(20)(21)(22)
tVR=1/2 TVR
(15)
VHEHT>VRefO
VHEHT(min)≤VHEHTVRefO
0
-0.125
V/V
V/V
Temperature drift of DC compo-
nent of the EW-drive signal on
EWOut pin
(18)(19)(21)(23)(30)
tVR=1/2 TVR
(15)
100
ppm/
°C
VEW-PCC
Pin cushion correction compo-
nent of the EW-drive signal on
EWOut pin
(19)(20)(21)(23)(24)(25)
(26)(30)
VSIZE at maximum
PCC (Sad0C):
x0000000b
x1000000b
x1111111b
Tracking with
VSIZE:
PCC at x1000000b
VSIZE (Sad07):
x0000000b
x1000000b
0
0.7
1.5
0.25
0.5
V
V
V
V
V
Tracking of PCC component of
the EW-drive signal with vertical
position adjustment
(19)(20)(21)(24)(27)(29)(30)
PCC at x1111111b
VPOS (Sad08):
x0000000b
x1111111b
0.52
1.92
V
EW
DC
V
HE H T
-----------------------------
V
EW
DC
V
EW
D C
T
-------------------------------------
V
EW
PC C
t
vr
0
=
[]
V
EW
PC C
t
vr
T
VR
=
[]
-----------------------------------------------------------------
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com