Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 2Page - STMicroelectronics TDA9112 Datasheet HTML 3Page - STMicroelectronics TDA9112 Datasheet HTML 4Page - STMicroelectronics TDA9112 Datasheet HTML 5Page - STMicroelectronics TDA9112 Datasheet HTML 6Page - STMicroelectronics TDA9112 Datasheet HTML 7Page - STMicroelectronics TDA9112 Datasheet HTML 8Page - STMicroelectronics TDA9112 Datasheet HTML 9Page - STMicroelectronics TDA9112 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TDA9112
6/51
3 - PIN FUNCTION REFERENCE
Pin
Name
Function
1
H/HVSyn
TTL compatible Horizontal /Horizontal and Vertical Sync. input
2
VSyn
TTL compatible Vertical Sync. input
3
HLckVBk
Horizontal PLL1 Lock detection and Vertical early Blanking composite output
4
HOscF
High Horizontal Oscillator sawtooth threshold level Filter input
5
HPLL2C
Horizontal PLL2 loop Capacitive filter input
6
CO
Horizontal Oscillator Capacitor input
7
HGND
Horizontal section GrouND
8
RO
Horizontal Oscillator Resistor input
9
HPLL1F
Horizontal PLL1 loop Filter input
10
HPosF
Horizontal Position Filter and soft-start time constant capacitor input
11
HVDyCor
Horizontal and Vertical Dynamic Correction output
12
HFly
Horizontal Flyback input
13
RefOut
Reference voltage Output
14
BComp
B+ DC/DC error amplifier (Comparator) output
15
BRegIn
Regulation feedback Input of the B+ DC/DC converter controller
16
BISense
B+ DC/DC converter current (I) Sense input
17
HEHTIn
Input for compensation of Horizontal amplitude versus EHT variation
18
VEHTIn
Input for compensation of Vertical amplitude versus EHT variation
19
VOscF
Vertical Oscillator sawtooth low threshold Filter (capacitor to be connected to VGND)
20
VAGCCap
Input for storage Capacitor for Automatic Gain Control loop in Vertical oscillator
21
VGND
Vertical section GrouND
22
VCap
Vertical sawtooth generator Capacitor
23
VOut
Vertical deflection drive Output for a DC-coupled output stage
24
EWOut
E/WOutput
25
XRay
X-Ray protection input
26
HOut
Horizontal drive Output
27
GND
Main GrouND
28
BOut
B+ DC/DC converter controller Output
29
Vcc
Supply voltage
30
SCL
I
2C bus Serial CLock Input
31
SDA
I2C bus Serial DAta input/output
32
VDyCor
Vertical Dynamic Correction output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com