Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9112 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA9112
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA9112 Datasheet HTML 17Page - STMicroelectronics TDA9112 Datasheet HTML 18Page - STMicroelectronics TDA9112 Datasheet HTML 19Page - STMicroelectronics TDA9112 Datasheet HTML 20Page - STMicroelectronics TDA9112 Datasheet HTML 21Page - STMicroelectronics TDA9112 Datasheet HTML 22Page - STMicroelectronics TDA9112 Datasheet HTML 23Page - STMicroelectronics TDA9112 Datasheet HTML 24Page - STMicroelectronics TDA9112 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
TDA9112
21/51
Parallelogram
correction
12h
x0000000
x1111111
Pin cushion
asymmetry
correction
11h
x0000000
x1111111
Top corner
asymmetry
correction
13h
x0000000
x1111111
Bottom corner
asymmetry
correction
14h
x0000000
x1111111
Vertical
dynamic
correction
amplitude
15h
VDyCor
01111111
Application dependent
x0000000
11111111
Function
Sad
Pin
Byte
Waveform
Effect on Screen
tParalC(min)
static phase
tVR
0
1/2TVR
TVR
tParalC(max)
static phase
tVR
0
1/2TVR
TVR
tVR
0
1/2TVR
TVR
tPCAC(max)
static
H-phase
tVR
0
1/2TVR
TVR
tPCAC(max)
static
H-phase
tVR
0
1/2TVR
TVR
tTCAC(min)
static
H-phase
tVR
0
1/2TVR
TVR
tTCAC(max)
static
H-phase
tVR
0
1/2TVR
TVR
tBCAC(min)
static
H-phase
tVR
0
1/2TVR
TVR
static
H-phase
tBCAC(max)
tVR
0
1/2TVR
TVR
VVD-V(max)
VVD-DC
VDyCorPo
tVR
0
1/2TVR
TVR
VVD-V(max)
VVD-DC
tVR
0
1/2TVR
TVR
VVD-V(max)
VVD-DC
VDyCorPo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com