Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9511 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9511
Description  DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9511 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9511 Datasheet HTML 1Page - STMicroelectronics TDA9511 Datasheet HTML 2Page - STMicroelectronics TDA9511 Datasheet HTML 3Page - STMicroelectronics TDA9511 Datasheet HTML 4Page - STMicroelectronics TDA9511 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
V
CC
IN- 1
5
PGND
6
OUT
3
V
REF
V
REF
4
AGND
7 V
DD
TDA9511
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply High Voltage (Pin 7)
120
V
VCC
Supply Low Voltage (Pin 2)
20
V
VESD
ESD Susceptibility
Human Body Model, 100pF Discharge through 1.5k
EIAJ Norm, 200pF Discharge through 0
2
300
kV
V
IOD
IOG
Output Current to VDD (Pin 6)
Output Current to Ground (Pin 6) (see Note 1)
protected
80
mA
Ij
Input Current (Pin 1)
50
mA
Tj
Junction Temperature
150
oC
Toper
Operating Ambient Temperature
0, +70
oC
Tstg
Storage Temperature
-20, +150
oC
Note 1 : Pulsed current t
≤ 50µs
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-Case Thermal Resistance
Max.
3
oC/W
Rth (j-a)
Junction-Ambient Thermal Resistance
Typ.
70
oC/W
TDA9511
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com